Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCD1020PDM6F Datasheet(PDF) 17 Page - STMicroelectronics

Part # STCD1020PDM6F
Description  Multichannel clock distribution circuit
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD1020PDM6F Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STCD1020PDM6F Datasheet HTML 13Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 14Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 15Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 16Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 17Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 18Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 19Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 20Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
STCD1020, STCD1030, STCD1040
DC and AC parameters
Doc ID 13823 Rev 6
17/40
PN
Additive phase noise(3)(8)
at 1 kHz offset
–135
dBc/
Hz
at 10 kHz offset
–145
at 100 kHz offset
–150
tRECB
Buffer recovery time from off to on
STCD10x0 active
20
µs
tRECC
STCD10x0 active recovery time
from standby to active
50
µs
CL
Capacitive load for each channel
10
20
pF
RL
Resistive load for each channel
10
k
Ω
1.
Valid for ambient operating temperature: TA = –40 °C to 85 °C; VCC = 1.65 V to 2.75 V; typical TA = 25 °C;
Load capacitance = 10 pF (except where noted).
2.
Clock input voltage level should not exceed supply rails.
3.
Simulated and determined via design and NOT 100% tested.
4.
The quiescent current is measured when the enable pins are active, but without input master clock signal (fmclk = 0 Hz).
5.
The active current is dependent on the master clock input Vpp and frequency and the capacitive load condition. The typical
test condition is 26 MHz sine wave with 1 Vpp master clock input, CL = 10 pF.
6.
The rise time is measured when clock edge transfers from 10% VCC to 90% VCC. The fall time is measured when clock
edge transfers from 90% VCC to 10% VCC.
7.
Other test results are under test condition VENH = 1.8 V and VENL = 0 V.
8.
Guaranteed with the supply noise of 30 µ Vrms from 300 Hz to 50 kHz.
Table 7.
DC and AC characteristics (1.8 V supply)
Symbol
Parameter
Condition(1)
Min
Typ
Max
Unit
Table 8.
Operating and AC measurement conditions (2.8 V supply)
Parameter
Condition
Unit
VCC supply
2.5 to 3.6
V
Output clock voltage (CLK1…CLK4)
0 to VCC
V
Device enable voltage (EN1…EN4)
0 to VCC
V
Ambient operating temperature (TA)
–40 to +85
°C
Table 9.
DC and AC characteristics (2.8 V supply)
Symbol
Parameter
Condition(1)
Min
Typ
Max
Unit
fMCLK
Master clock (eg. from VCTCXO)
Sine wave/square wave
10
26
52
MHz
VCC
Supply voltage
2.5
2.8
3.6
V
Vin
Input clock voltage level(2)
0.75
1
Vpp
Vout
Output gain level(3)
CL = 10 pF
–1.5
–0.5
dB
IQ
Quiescent current(4)
2 buffers version
1.7
2.6
mA
3 buffers version
2.2
3.3
4 buffers version
2.8
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com