Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCD1020PDM6F Datasheet(PDF) 19 Page - STMicroelectronics

Part # STCD1020PDM6F
Description  Multichannel clock distribution circuit
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD1020PDM6F Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STCD1020PDM6F Datasheet HTML 15Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 16Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 17Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 18Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 19Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 20Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 21Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 22Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
STCD1020, STCD1030, STCD1040
Typical operating characteristics
Doc ID 13823 Rev 6
19/40
7
Typical operating characteristics
Typical operating characteristics of STCD1040 are VCC = 2.8 V; TA = 25 °C;
load capacitance = 10 pF, 26 MHz TCXO ENE3127B from NDK (except where noted).
Figure 11.
Quiescent current (IQ) vs. supply voltage (VCC) (STCD1040, 2.8 V version,
EN1=EN2=EN3=EN4=1, no master clock input)
Figure 12.
Quiescent current (IQ) vs. temperature (STCD1040, 2.8 V version,
EN1=EN2=EN3=EN4=1, CL = 30 pF, no master clock input)
2.4
2.5
2.6
2.7
2.8
2.9
3
3.1
Supply voltage (V)
10pF
20pF
30pF
AM03039v1
2
2.2
2.4
2.6
2.8
3
3.2
-50
-30
-10
10
30
50
70
90
Temperature (ºC)
AM03040v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com