Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCD1020PDM6F Datasheet(PDF) 4 Page - STMicroelectronics

Part # STCD1020PDM6F
Description  Multichannel clock distribution circuit
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD1020PDM6F Datasheet(HTML) 4 Page - STMicroelectronics

  STCD1020PDM6F Datasheet HTML 1Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 2Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 3Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 4Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 5Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 6Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 7Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 8Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
List of figures
STCD1020, STCD1030, STCD1040
4/40
Doc ID 13823 Rev 6
List of figures
Figure 1.
Logic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 2.
Connections diagram (STCD1020, 2-channel) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 3.
Connections diagram (STCD1030, 3-channel) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 4.
Connections diagram (STCD1040, 4-channel) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 5.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 6.
Hardware hookup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 7.
Typical application circuit using STCD1040 for RF ends of TD-SCDMA/GSM dual-mode
mobile phone . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 8.
Typical application circuit using STCD1040 for baseband peripherals in mobile phone . . 13
Figure 9.
Direct connection of the source clock . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 10.
Connection of the DC-CUT capacitor and bias. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 11.
Quiescent current (IQ) vs. supply voltage (VCC) (STCD1040, 2.8 V version,
EN1=EN2=EN3=EN4=1, no master clock input) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 12.
Quiescent current (IQ) vs. temperature (STCD1040, 2.8 V version,
EN1=EN2=EN3=EN4=1, CL = 30 pF, no master clock input) . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 13.
Standby current (ISB) vs. supply voltage (VCC) (STCD1040, 2.8 V version,
EN1=EN2=EN3=EN4=0, no master clock input) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 14.
Active current (IACT) vs. supply voltage (VCC) (STCD1040, 2.8 V version, . . . . . . . . . . . . . .
EN1=EN2=EN3=EN4=1, 26 MHz sine wave master clock input from TCXO) . . . . . . . . . . 20
Figure 15.
Active current (IACT) vs. master clock input voltage level (Vpp) (STCD1040, 2.8 V version,
EN1=EN2=EN3=EN4=1, 26 MHz sine wave master clock input) . . . . . . . . . . . . . . . . . . . . 21
Figure 16.
Active current (IACT) vs. input frequency (STCD1040, 2.8 V version,
EN1=EN2=EN3=EN4=1, master clock input Vpp = 1 V) . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 17.
STCD10x0 recovery time from standby to active (STCD1040, 2.8 V version,
EN2=EN3=EN4=0, measure CLK1 when EN1 from 0 to 1) . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 18.
STCD10x0 buffer recovery time from off to on (STCD1040, 2.8 V version,
EN2=EN3=EN4=1, measure CLK1 when EN1 from 0 to 1) . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 19.
Sine wave input clock vs. output clock (STCD1040, 2.8 V version, 26 MHz sine wave
master clock input from TCXO) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 20.
Rise and fall time for square wave output (STCD1040, 2.8 V, 10 MHz square wave
master clock input, CL = 20 pF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 21.
Input clock phase noise (STCD1040, 2.8 V version, 26 MHz master clock
input from TCXO) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 22.
Output clock phase noise (STCD1040, 2.8V version, this phase noise includes the
additive phase noise from TCXO and STCD1040) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 23.
Clock bandwidth (STCD1040, 2.8 V version, CL = 10 pF) . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 24.
Quiescent current (IQ) vs. supply voltage (VCC) (STCD1040, 1.8 V version,
EN1=EN2=EN3=EN4=1, no master clock input) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 25.
Quiescent current (IQ) vs. temperature (STCD1040, 1.8 V version,
EN1=EN2=EN3=EN4=1, CL = 30 pF, no master clock input) . . . . . . . . . . . . . . . . . . . . . . 25
Figure 26.
Standby current (ISB) vs. supply voltage (VCC) (STCD1040, 1.8 V version,
EN1=EN2=EN3=EN4=0, no master clock input) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 27.
Active current (IACT) vs. supply voltage (VCC) (STCD1040, 1.8 V version,
EN1=EN2=EN3=EN4=1, 26 MHz sine wave master clock input from TCXO) . . . . . . . . . . 26
Figure 28.
Active current (IACT) vs. master clock input voltage level (Vpp) (STCD1040, 1.8 V version,
EN1=EN2=EN3=EN4=1, 26 MHz sine wave master clock input) . . . . . . . . . . . . . . . . . . . . 26
Figure 29.
Active current (IACT) vs. input frequency (STCD1040, 1.8 V version,
EN1=EN2=EN3=EN4=1, master clock input Vpp=1 V) . . . . . . . . . . . . . . . . . . . . . . . . . . . 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com