Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCD1020PDM6F Datasheet(PDF) 3 Page - STMicroelectronics

Part # STCD1020PDM6F
Description  Multichannel clock distribution circuit
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD1020PDM6F Datasheet(HTML) 3 Page - STMicroelectronics

  STCD1020PDM6F Datasheet HTML 1Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 2Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 3Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 4Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 5Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 6Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 7Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 8Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
STCD1020, STCD1030, STCD1040
List of tables
Doc ID 13823 Rev 6
3/40
List of tables
Table 1.
Device summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Table 2.
Pin names and functions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Table 3.
Truth table for enable signals (EN 1-4) and output clocks (CLK1-4) . . . . . . . . . . . . . . . . . 11
Table 4.
Absolute maximum ratings (1.8 V supply) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Table 5.
Absolute maximum ratings (2.8 V supply) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Table 6.
Operating and AC measurement conditions (1.8 V supply) . . . . . . . . . . . . . . . . . . . . . . . . 16
Table 7.
DC and AC characteristics (1.8 V supply) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Table 8.
Operating and AC measurement conditions (2.8 V supply) . . . . . . . . . . . . . . . . . . . . . . . . 17
Table 9.
DC and AC characteristics (2.8 V supply) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Table 10.
TDFN - 8-lead (2 x 2 mm) package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Table 11.
TDFN - 10-lead (2 x 2.5 mm) package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Table 12.
TDFN - 12-lead (2 x 3 mm) package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Table 13.
Carrier tape dimensions for TDFN8, TDFN10, and TDFN12 packages . . . . . . . . . . . . . . . 35
Table 14.
STCD10x0 top marking information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Table 15.
Landing pattern parameters (TDFN8, TDFN10, TDFN12) . . . . . . . . . . . . . . . . . . . . . . . . . 37
Table 16.
Ordering information scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Table 17.
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com