Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCD1020PDM6F Datasheet(PDF) 39 Page - STMicroelectronics

Part # STCD1020PDM6F
Description  Multichannel clock distribution circuit
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD1020PDM6F Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STCD1020PDM6F Datasheet HTML 32Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 33Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 34Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 35Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 36Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 37Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 38Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 39Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
STCD1020, STCD1030, STCD1040
Revision history
Doc ID 13823 Rev 6
39/40
10
Revision history
Table 17.
Document revision history
Date
Revision
Changes
08-Aug-2007
1
Initial release.
08-Oct-2007
2
Addition of footnote 4 in Table 7: DC and AC characteristics (1.8 V
supply); updated Vout in Table 7 and Table 9; minor text changes.
03-Apr-2008
3
Updated cover page, Table 2, 5, 7, 9, 16, Figure 1, 6, 11, 12, 13, 14,
15, 16, 17, 18, 19, 20, Section 3 and 7; added Figure 21, 22, 23, 24,
25, 26, 27, 28, 29, 30, 31, 32, 33, 34, 35, 36.
08-May-2008
4
Updated cover page, Table 7, 8, Figure 14, 15, 27, 28, and
Section 7; datasheet status upgraded to full datasheet.
07-Sep-2009
5
Added tape and reel specifications (Figure 40, Table 13), top
marking information (Figure 41, 42, Table 14) and landing pattern
(Figure 43, Table 15); updated cover page, Table 4, 5, 16 and text in
Section 8: Package mechanical data; reformatted document.
14-May-2010
6
Updated Figure 42; minor textual changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com