Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4976-2K Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4976-2K
Description  Hall Effect Switch with Current Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4976-2K Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4976-2K Datasheet HTML 2Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 3Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 4Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 5Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 6Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 7Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 8Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 9Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet
4
Rev. 1.2, 2010-08-05
TLE4976-2K
Functional Description
2
Functional Description
2.1
General
The TLE4976-2K is an integrated circuit Hall-effect sensor designed specifically for highly accurate applications.
Precise magnetic switching thresholds and high temperature stability are achieved by active error compensation
circuits and chopper techniques on the chip. The IC has a current interface with a 6mA / 14mA output. A magnetic
south pole (positive field) with strength above Brp turns the output to low (6mA) and a magnetic field with strength
below Bop turns it to high (14mA).
2.2
Pin Configuration (top view)
Figure 1
Pin Configuration and Center of Sensitive Area
2.3
Pin Description
Table 1
Pin Description
Pin No.
Symbol
Function
Comment
1VS
Supply voltage
2
N.C.
No internal connection
3
GND
Ground
Center of
Sensitive Area
1
± 0.15
1.5
± 0.15
0.8
2
3
SC59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com