Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4976-2K Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4976-2K
Description  Hall Effect Switch with Current Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4976-2K Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4976-2K Datasheet HTML 7Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 8Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 9Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 10Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 11Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 12Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 13Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 14Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
9
Rev. 1.2, 2010-08-05
TLE4976-2K
Specification
3.4
Electrical and Magnetic Characteristics
Product characteristics involve the spread of values guaranteed within the specified voltage and ambient
temperature range. Typical characteristics are the median of the production.
Calculation of the ambient temperature:
e.g. for VS = 12.0V, RS = 100W, ISHIGHtyp = 14mA :
Power Dissipation: PDIS = 148.4mW.
In TA = Tj – (RthJA x PDIS) = 175°C – (100K/W x 0.15W)
Resulting max. ambient temperature: TA = 160°C
Table 5
General Electrical Characteristics1)
1) over operating range, unless otherwise specified. Typical values correspond to VS = 12V and TA = 25°C
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Supply current low
ISLOW
56
7
mA
B > BRP
VS = 3V ... 18V
Supply current high
ISHiGH
12
14
17
mA
B < BOP
VS = 3V ... 18V
Reverse current
ISR
–0.2
mA
VS = -18V
Output fall time
tf
–0.4
1.6
µs
RS = 100Ω
Output rise time
tr
–0.4
1.6
µs
Chopper frequency
fOSC
–
320
kHz
Switching freq.
fSW
–152)
2) To operate the sensor at the max. switching frequency, the value of the magnetic signal amplitude must be 1.4 times higher
than for static fields. This is due to the - 3dB corner frequency of the low pass filter in the signal path
kHz
Delay time3)
3) Systematic delay between magnetic threshold reached and output switching
td
–13
µs
Output jitter4)
4) Jitter is the unpredictable deviation of the output switching delay
tQJ
–1
–
µsRMS Typical value for square wave
signal 1kHz
Power-on time5)
5) Time from applying VS ≥ 3.0V to the sensor until the output state is valid
tPON
–13
–
µs
VS ≥ 3.0V
Thermal resistance6)
6) Thermal resistance from junction to ambient
RthJA
–100
–
K/W
SC59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com