Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4976-2K Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE4976-2K
Description  Hall Effect Switch with Current Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4976-2K Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE4976-2K Datasheet HTML 8Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 9Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 10Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 11Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 12Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 13Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 14Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 15Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 16Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Data Sheet
13
Rev. 1.2, 2010-08-05
TLE4976-2K
Package Information
4.3
Distance between Chip and Package
Figure 9
Distance between chip and package
4.4
Package Marking
Figure 10
Marking of TLE4976-2K
Branded Side
d: Distance chip to upper side of IC
d = 0.56 ±0.1 mm
06
Year (y) = 0...9
Month (m) = 1...9,
O - October
N - November
D - December
76 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com