Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4976-2K Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4976-2K
Description  Hall Effect Switch with Current Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4976-2K Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4976-2K Datasheet HTML 5Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 6Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 7Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 8Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 9Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 10Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 11Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 12Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
7
Rev. 1.2, 2010-08-05
TLE4976-2K
Specification
3
Specification
3.1
Application Circuit
The advantage of the current interface is, that only two wires are necessary to connect the sensor.
At least one series resistor is required to convert the two output states of the Hall sensor from current consumption
to a voltage information.
A typical value for RL is 100Ω. This gives a typical signal voltage level VSIG = 0.8V in the Off state and 1.4V in the
On state.
If the sensor is operated in an application environment with disturbances on the supply line, an additional series
resistor RS is recommended. The maximum value for the series resistor RS can be calculated using the following
formula:
RSmax
VSupplymin VSmin
–
IShighmax
--------------------------------------------- R
L
–
=
VS_min is the minimal supply voltage which might occur due to disturbances on the supply line VS.
Example: VSupplymin = 6V; VSmin = 3V; RL = 100Ω; IShighmax = 17mA : RSmax = 76.5Ω
Figure 5
Application Circuit
Input
µC GND
VSupply
µC
TLE
4976-2K
VS
GND
RL
RS
4.7 nF
VSIG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com