Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4976-2K Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4976-2K
Description  Hall Effect Switch with Current Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4976-2K Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4976-2K Datasheet HTML 8Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 9Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 10Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 11Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 12Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 13Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 14Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 15Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 16Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Data Sheet
10
Rev. 1.2, 2010-08-05
TLE4976-2K
Specification
Field Direction Definition
Positive magnetic fields are defined with the south pole of the magnet to the branded side of package.
Figure 6
Definition of magnetic field direction
Table 6
Magnetic Characteristics1)
1) over operating range, unless otherwise specified. Typical values correspond to VS = 12 V.
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Operating point
BOP
0.53
2.9
5.1
mT
0.5
2.7
4.8
0.47
2.5
4.5
Release point
BRP
2.1
4.8
6.4
mT
24.5
6
1.9
4.2
5.6
Hysteresis
BHYS
0.5
1.8
3
mT
fot T = 25°C
Temperature compensation of
magnetic thresholds
TC
-
-1000
-
ppm/K
Repeatability of magnetic
thresholds2)
2) BREP is equivalent to the noise constant
BREP
-40
-
µTRMS Typ. value for ΔB / Δt
> 12 mT/ms
Branded Side
N
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com