Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4976-2K Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4976-2K
Description  Hall Effect Switch with Current Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4976-2K Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4976-2K Datasheet HTML 6Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 7Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 8Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 9Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 10Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 11Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 12Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 13Page - Infineon Technologies AG TLE4976-2K Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet
8
Rev. 1.2, 2010-08-05
TLE4976-2K
Specification
3.2
Absolute Maximum Ratings
Attention: Stresses above the max. values listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. Maximum ratings are absolute ratings; exceeding only one of these values may
cause irreversible damage to the integrated circuit.
3.3
Operating Range
The following operating conditions must not be exceeded in order to ensure correct operation of the Hall Effect
Switch.
All parameters specified in the following sections refer to these operating conditions unless otherwise mentioned.
Table 2
Absolute Maximum Rating Parameters
Parameter
Symbol
Limit Values
Unit
Note / Test Condition
Min.
Max.
Supply voltage
VS
– 18
– 18
– 18
18
24
26
V
for 1h, RS+RL > 75Ω
for 5min, RS+RL > 75Ω
Supply current through
protection device
IS
– 50
+50
mA
Junction temperature
Tj
–
–
–
–
155
165
175
195
°C
for 2000h (not additive)
for 1000h (not additive)
for 168h (not additive)
for 3 x 1h (additive)
Storage temperature
TS
– 40
150
°C
Magnetic flux density
B
–
unlimited mT
Table 3
ESD Protection1)
1) Human Body Model (HBM) tests according to: EOS/ESD Association Standard S5.1-1993 and Mil. Std. 883D method
3015.7
Parameter
Symbol
Limit Values
Unit
Note / Test Condition
Min.
Max.
ESD Voltage
VESD
±8
kV
HBM, R = 1.5k
Ω,
C = 100pF
TA = 25°C
Table 4
Operating Conditions Parameters
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Supply voltage
VS
318
V
3
24
for 5 min, RS+RL > 100Ω
Junction temperature
Tj
- 40
150
°C
175
for 168h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com