Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3831MPBF Datasheet(PDF) 17 Page - International Rectifier

Part # IR3831MPBF
Description  HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3831MPBF Datasheet(HTML) 17 Page - International Rectifier

Back Button IR3831MPBF Datasheet HTML 13Page - International Rectifier IR3831MPBF Datasheet HTML 14Page - International Rectifier IR3831MPBF Datasheet HTML 15Page - International Rectifier IR3831MPBF Datasheet HTML 16Page - International Rectifier IR3831MPBF Datasheet HTML 17Page - International Rectifier IR3831MPBF Datasheet HTML 18Page - International Rectifier IR3831MPBF Datasheet HTML 19Page - International Rectifier IR3831MPBF Datasheet HTML 20Page - International Rectifier IR3831MPBF Datasheet HTML 21Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
11/05/10
17
IR3831MPbF
Where:
D is the Duty Cycle
I
RMS is the RMS value of the input capacitor
current.
I
o is the output current.
For I
o=8 A and D = 0.0625, the IRMS = 1.94 A
Ceramic capacitors are recommended due to
their peak current capabilities. They also feature
low ESR and ESL at higher frequency which
enables better efficiency. For this application, it is
advisable to have 3x10uF 16V ceramic capacitors
ECJ-3YX1C106K from Panasonic. In addition to
these, although not mandatory, a 330uF 25V
SMD capacitor EEV-FK1E331P from Panasonic
may be used as a bulk capacitor, and is
recommended if the input power supply is not
located close to the converter.
Inductor Selection
The inductor is selected based on output power,
operating frequency and efficiency requirements.
A low inductor value results in a smaller size and
faster response to a load transient but poor
efficiency and high output noise due to large
ripple current. Generally, the selection of the
inductor value can be reduced to the desired
maximum ripple current in the inductor
. The
optimum point is usually found between 20% and
50% ripple of the output current.
For the buck converter, the inductor value for the
desired
operating
ripple
current
can
be
determined using the following relation:
Where:
If
Δi ≈ 35%(I
o), then the output inductor is
calculated to be 0.63μH. Select L=0.6 μH.
The MPL104-0R6 from Delta provides a compact,
low profile inductor suitable for this application.
Bootstrap Capacitor Selection
To drive the Control FET, it is necessary to
supply a gate voltage at least 4V greater than the
voltage at the SW pin, which is connected the
source of the Control FET . This is achieved by
using a bootstrap configuration, which comprises
the internal bootstrap diode and an external
bootstrap capacitor (C6). The operation of the
circuit is as follows: When the lower MOSFET is
turned on, the capacitor node connected to SW is
pulled down to ground. The capacitor charges
towards V
cc through the internal bootstrap diode,
which has a forward voltage drop V
D. The voltage
V
c
across the bootstrap capacitor C6 is
approximately given as
When the upper MOSFET turns on in the next
cycle, the capacitor node connected to SW rises
to the bus voltage V
in. However, if the value of C6
is appropriately chosen, the voltage V
c across C6
remains approximately unchanged and the
voltage at the Boot pin becomes
A bootstrap capacitor of value 0.1uF is suitable
for most applications.
Input Capacitor Selection
The ripple current generated during the on time of
the upper MOSFET should be provided by the
input capacitor. The RMS value of this ripple is
expressed by:
....(12)
..........
..........
)
( D
D
I
I
o
RMS
−
∗
∗
=
1
(13)
..
..........
..........
..........
in
o
V
V
D
=
)
( i
Δ
cycle
Duty
time
on
Turn
frequency
Switching
current
ripple
Inductor
Voltage
Output
voltage
input
Maximum
=
=
=
=
=
=
D
Δt
F
Δi
V
V
s
o
in
()
(14)
...
..........
..........
*
;
s
in
o
o
in
s
o
in
F
i
V
V
V
V
L
F
D
t
t
i
L
V
V
Δ
∗
∗
−
=
∗
=
Δ
Δ
Δ
∗
=
−
1
Fig. 11. Bootstrap circuit to generate
Vc voltage
(11)
..........
..........
..........
..........
D
cc
in
Boot
V
V
V
V
−
+
≅
(10)
..........
..........
..........
..........
D
cc
c
V
V
V
−
≅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com