Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3831MPBF Datasheet(PDF) 22 Page - International Rectifier

Part # IR3831MPBF
Description  HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3831MPBF Datasheet(HTML) 22 Page - International Rectifier

Back Button IR3831MPBF Datasheet HTML 18Page - International Rectifier IR3831MPBF Datasheet HTML 19Page - International Rectifier IR3831MPBF Datasheet HTML 20Page - International Rectifier IR3831MPBF Datasheet HTML 21Page - International Rectifier IR3831MPBF Datasheet HTML 22Page - International Rectifier IR3831MPBF Datasheet HTML 23Page - International Rectifier IR3831MPBF Datasheet HTML 24Page - International Rectifier IR3831MPBF Datasheet HTML 25Page - International Rectifier IR3831MPBF Datasheet HTML 26Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
11/05/10
22
IR3831MPbF
Application Diagram:
Fig. 15. Application circuit diagram for a 12V to 0.75 V, 8 A Point Of Load Converter
Part Reference
Quantity
Value
Description
Manufacturer
Part Number
Cin
1 330uF
SMD Elecrolytic, Fsize, 25V, 20%
Panasonic
EEV-FK1E331P
3 10uF
1206, 16V, X7R, 20%
Panasonic - ECG
ECJ-3YX1C106K
Lo
1 0.6uH
11.5x10x4mm, 20%, 1.7mOhm
Delta
MPL104-0R6
Co
8 22uF
0805, 6.3V, X5R, 20%
Panasonic- ECG
ECJ-2FB0J226ML
R1
1 4.99K
Thick Film, 0603,1/10 W,1%
Rohm
MCR03EZPFX4991
R2
1 750
Thick Film, 0603,1/10W,1%
Rohm
MCR03EZPFX7500
Rt
1 35.7K
Thick Film, 0603,1/10W,1%
Rohm
MCR03EZPFX3572
ROCSet
1 4.02K
Thick Film, 0603,1/10 W,1%
Rohm
MCR03EZPFX4021
RPG
1 4.7K
Thick Film, 0603,1/10W,1%
Rohm
MCR03EZPFX4701
Css
1 0.022uF
0603, 25V, X7R, 10%
Panasonic - ECG
ECJ-1VB1E223K
R3
1 1.47k
Thick Film, 0603,1/10W,1%
Rohm
MCR03EZPFX1471
C3
1 560pF
50V, 0603, NPO, 5%
Panasonic- ECG
ECJ-1VC1H561J
C4
1 22000pF
0603, 50V, X7R, 10%
Panasonic - ECG
ECJ-1VB1H223K
R8
1 6.65K
Thick Film, 0603,1/10W,1%
Rohm
MCR03EZPFX6651
R10
1 210
Thick Film, 0603,1/10W,1%
Panasonic - ECG
ERJ-3EKF2100V
C7
1 2200pF
0603, 50V, X7R, 10%
Panasonic - ECG
ECJ-1VB1H222K
U1
1 IR3831
SupIRBuck PQFN 5x6mm
International Rectifier
IR3831MPbF
Suggested Bill of Materials for the application circuit:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com