Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3831MPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IR3831MPBF
Description  HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3831MPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IR3831MPBF Datasheet HTML 6Page - International Rectifier IR3831MPBF Datasheet HTML 7Page - International Rectifier IR3831MPBF Datasheet HTML 8Page - International Rectifier IR3831MPBF Datasheet HTML 9Page - International Rectifier IR3831MPBF Datasheet HTML 10Page - International Rectifier IR3831MPBF Datasheet HTML 11Page - International Rectifier IR3831MPBF Datasheet HTML 12Page - International Rectifier IR3831MPBF Datasheet HTML 13Page - International Rectifier IR3831MPBF Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
11/05/10
10
IR3831MPbF
Typical Efficiency and Power Loss Curves
Vin=5V, Vo=0.75V, Io=1A- 8A, Vcc=5V, Fs=400kHz Room Temperature, No Air Flow
82
83
84
85
86
87
88
89
90
12
34
5
6
7
8
Iout (A)
0.75Vout
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
12
34
56
78
Iout (A)
0.75Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com