Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3831MPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IR3831MPBF
Description  HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3831MPBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IR3831MPBF Datasheet HTML 4Page - International Rectifier IR3831MPBF Datasheet HTML 5Page - International Rectifier IR3831MPBF Datasheet HTML 6Page - International Rectifier IR3831MPBF Datasheet HTML 7Page - International Rectifier IR3831MPBF Datasheet HTML 8Page - International Rectifier IR3831MPBF Datasheet HTML 9Page - International Rectifier IR3831MPBF Datasheet HTML 10Page - International Rectifier IR3831MPBF Datasheet HTML 11Page - International Rectifier IR3831MPBF Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
11/05/10
8
IR3831MPbF
TYPICAL OPERATING CHARACTERISTICS (-40oC - 125oC) F
s=500 kHz
Icc(Standby)
180.0
200.0
220.0
240.0
-40
-20
0
20
40
60
80
100
120
Te m p[oC]
Vfb
696.0
696.5
697.0
697.5
698.0
698.5
699.0
699.5
700.0
700.5
701.0
-40
-20
0
20
40
60
80
100
120
Te m p[oC]
ISS
21.0
21.5
22.0
22.5
23.0
23.5
24.0
- 40
- 20
0
20406080
100
120
Te m p [ o C ]
FREQUENCY
490.0
492.0
494.0
496.0
498.0
500.0
502.0
504.0
506.0
508.0
510.0
-40
-20
0
20
40
60
80
100
120
Te m p[oC]
IOCSET(500k Hz)
48.6
48.8
49.0
49.2
49.4
49.6
49.8
50.0
50.2
50.4
50.6
-40
-20
0
20
40
60
80
100
120
Te m p[oC]
V cc(UV LO) Star t
4.20
4.22
4.24
4.26
4.28
4.30
4.32
4.34
4.36
-40
-20
0
20
40
60
80
100
120
Te m p[oC]
V cc(UV LO) Stop
3.94
3.95
3.96
3.97
3.98
3.99
4.00
-40
-20
0
20
40
60
80
100
120
Te m p[oC]
Enable (UV LO) Star t
1.200
1.205
1.210
1.215
1.220
1.225
1.230
1.235
1.240
-40
-20
0
20
40
60
80
100
120
Te m p[oC]
Enable (UV LO) Stop
1.000
1.005
1.010
1.015
1.020
1.025
1.030
-40
-20
0
20
40
60
80
100
120
Te m p[oC]
Icc(Dyn)
10.0
11.0
12.0
13.0
14.0
-40
-20
0
20
40
60
80
100
120
Te m p[oC]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com