Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3831MPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IR3831MPBF
Description  HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3831MPBF Datasheet(HTML) 1 Page - International Rectifier

  IR3831MPBF Datasheet HTML 1Page - International Rectifier IR3831MPBF Datasheet HTML 2Page - International Rectifier IR3831MPBF Datasheet HTML 3Page - International Rectifier IR3831MPBF Datasheet HTML 4Page - International Rectifier IR3831MPBF Datasheet HTML 5Page - International Rectifier IR3831MPBF Datasheet HTML 6Page - International Rectifier IR3831MPBF Datasheet HTML 7Page - International Rectifier IR3831MPBF Datasheet HTML 8Page - International Rectifier IR3831MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
11/05/10
1
IR3831MPbF
Features
•
Wide Input Voltage Range 1.0V to 16V
•
Wide Output Voltage Range 0.6V to 0.9*Vin
•
Continuous 8A Load Capability
•
Integrated Bootstrap-diode
•
High Bandwidth E/A for excellent transient
performance
•
Programmable Switching Frequency up to 1.5 MHz
•
Programmable Over Current Protection (Hiccup)
•
PGood output
•
Programmable Soft-Start
•
Enable Input with Voltage Monitoring Capability
•
Enhanced Pre-Bias Start-up
•
Vp input for DDR Tracking applications
•
-40oC to 125oC operating junction temperature
•
Thermal Protection
•
5mm x 6mm Power QFN Package, 0.9 mm height
•
Lead-free, halogen-free and RoHS compliant
Applications
•
Server Applications
•
Storage Applications
•
Embedded Telecom Systems
•
Distributed Point of Load Power Architectures
•
Netcom Applications
Fig. 1. Typical application diagram
HIGHLY EFFICIENT INTEGRATED
SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
SupIRBuckTM
Boot
Vcc
Fb
Comp
Gnd
PGnd
SW
OCSet
SS/ SD
4.5V <Vcc<5.5V
Vo
PGood
PGood
Enable
Rt
1.0V <Vin<16V
Vin
Vp
VDDQ
Description
The IR3831 SupIRBuckTM is an easy-to-use, fully
integrated and highly efficient DC/DC regulator.
The MOSFETS co-packaged with the on-chip
PWM controller make IR3831 a space-efficient
solution, providing accurate power delivery for
DDR memory applications.
IR3831 is configured to generate termination
voltage (VTT) for DDR memory applications.
IR3831 offers programmability of start up time,
switching frequency and current limit while
operating in wide input and output voltage range.
The switching frequency is programmable from
250kHz to 1.5MHz for an optimum solution.
It also features important protection functions,
such as Pre-Bias startup, hiccup current limit and
thermal shutdown to give required system level
security in the event of fault conditions.
PD60363


Similar Part No. - IR3831MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3831M IRF-IR3831M Datasheet
939Kb / 31P
HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
IR3831M IRF-IR3831M_15 Datasheet
939Kb / 31P
HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
More results

Similar Description - IR3831MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3831WMPBF IRF-IR3831WMPBF Datasheet
709Kb / 32P
HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
IR3832WMPBF IRF-IR3832WMPBF Datasheet
722Kb / 32P
HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
IR3831WMPBF IRF-IR3831WMPBF_1 Datasheet
708Kb / 32P
HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
IR3832WMPBF IRF-IR3832WMPBF_1 Datasheet
721Kb / 32P
HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
IR3831WMPBF IRF-IR3831WMPBF_11 Datasheet
728Kb / 32P
HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
IR3832WMPBF IRF-IR3832WMPBF_11 Datasheet
740Kb / 32P
HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
IR3831M IRF-IR3831M_15 Datasheet
939Kb / 31P
HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
IR3831WM IRF-IR3831WM_15 Datasheet
728Kb / 32P
HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
IR3832WM IRF-IR3832WM_15 Datasheet
740Kb / 32P
HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
IR3842WM IRF-IR3842WM_15 Datasheet
758Kb / 34P
HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com