Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3831MPBF Datasheet(PDF) 15 Page - International Rectifier

Part # IR3831MPBF
Description  HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3831MPBF Datasheet(HTML) 15 Page - International Rectifier

Back Button IR3831MPBF Datasheet HTML 11Page - International Rectifier IR3831MPBF Datasheet HTML 12Page - International Rectifier IR3831MPBF Datasheet HTML 13Page - International Rectifier IR3831MPBF Datasheet HTML 14Page - International Rectifier IR3831MPBF Datasheet HTML 15Page - International Rectifier IR3831MPBF Datasheet HTML 16Page - International Rectifier IR3831MPBF Datasheet HTML 17Page - International Rectifier IR3831MPBF Datasheet HTML 18Page - International Rectifier IR3831MPBF Datasheet HTML 19Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
11/05/10
15
IR3831MPbF
Minimum on time Considerations
The minimum ON time is the shortest amount of
time for which the Control FET may be reliably
turned on, and this depends on the internal
timing delays. For the IR3831, the typical
minimum on-time is specified as 50 ns.
Any design or application using the IR3831 must
ensure operation with a pulse width that is higher
than this minimum on-time and preferably higher
than 100 ns. This is necessary for the circuit to
operate without jitter and pulse-skipping, which
can cause high inductor current ripple and high
output voltage ripple.
In any application that uses the IR3831, the
following condition must be satisfied:
The minimum output voltage for the IR3831 is
limited to V
out(min) = 0.6 V.
Furthermore, for the IR3831, especially for active
bus termination applications, it is strongly
recommended to use a switching frequency of
400 kHz to obtain clean and jitter free operation
in sourcing as well as sinking modes. Therefore,
the maximum input voltage that may be stepped
down to 0.6V at 400 kHz without jitter or pulse
skipping is 15 V.
V/s
6
ns
100
V
0.6
V
V
in
(min)
(min)
in
6
10
×
=
≤
×
∴
≤
×
∴
s
on
out
s
F
t
V
F
Maximum Duty Ratio Considerations
A fixed off-time of 200 ns maximum is specified
for the IR3831. This provides an upper limit on
the operating duty ratio at any given switching
frequency. It is clear, that higher the switching
frequency, the lower is the maximum duty ratio at
which the IR3831 can operate. To allow some
margin, the maximum operating duty ratio in any
application
using
the
IR3831
should
still
accommodate about 250 ns off-time. Fig 9.
shows a plot of the maximum duty ratio v/s the
switching frequency, with 250 ns off-time.
s
out
s
on
F
V
F
D
t
Vin ×
=
=
(min)
(min)
(min)
on
out
s
in
s
in
out
on
on
on
t
V
F
V
F
V
V
t
t
t
≤
×
∴
×
≤
∴
≤
Fig. 9. Maximum duty cycle v/s switching
frequency.
M ax Duty Cycle
55
60
65
70
75
80
85
90
95
250
450
650
850
1050
1250
1450
1650
S w itching Frequency (kH z )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com