Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3876MBF Datasheet(PDF) 4 Page - International Rectifier

Part # IR3876MBF
Description  12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3876MBF Datasheet(HTML) 4 Page - International Rectifier

  IR3876MBF Datasheet HTML 1Page - International Rectifier IR3876MBF Datasheet HTML 2Page - International Rectifier IR3876MBF Datasheet HTML 3Page - International Rectifier IR3876MBF Datasheet HTML 4Page - International Rectifier IR3876MBF Datasheet HTML 5Page - International Rectifier IR3876MBF Datasheet HTML 6Page - International Rectifier IR3876MBF Datasheet HTML 7Page - International Rectifier IR3876MBF Datasheet HTML 8Page - International Rectifier IR3876MBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
IR3876MBF
Pin Description
NAME
NUMBER
I/O
LEVEL
DESCRIPTION
NC
1
-----
No connection
ISET
2
Connecting resistor to PHASE pin sets over current trip point
PGOOD
3
5V
Power good – pull up to 3.3V
GND
4,17
Reference
Bias return and signal reference
FB
5
3.3V
Inverting input to PWM comparator, OVP / PGood sense
SS
6
3.3V
Set soft start slew-rate with a capacitor to GND
NC
7
-----
No connection
3VCBP
8
3.3V
LDO output. A minimum of 1.0 µF ceramic capacitor is required
NC
9
-----
No connection
VCC
10
5V
Gate drive supply
PGND
11
Reference
Power return
PHASE
12
VIN
Phase node (or switching node) of MOSFET half bridge
VIN
13
VIN
Input voltage for the system.
BOOT
14
VIN +VCC
Bootstrapped gate drive supply – connect a capacitor to PHASE
FF
15
VIN
Input voltage feed forward – sets on-time with a resistor to VIN
EN
16
5V
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com