Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3876MBF Datasheet(PDF) 10 Page - International Rectifier

Part # IR3876MBF
Description  12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3876MBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IR3876MBF Datasheet HTML 6Page - International Rectifier IR3876MBF Datasheet HTML 7Page - International Rectifier IR3876MBF Datasheet HTML 8Page - International Rectifier IR3876MBF Datasheet HTML 9Page - International Rectifier IR3876MBF Datasheet HTML 10Page - International Rectifier IR3876MBF Datasheet HTML 11Page - International Rectifier IR3876MBF Datasheet HTML 12Page - International Rectifier IR3876MBF Datasheet HTML 13Page - International Rectifier IR3876MBF Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
IR3876MBF
Figure 14: Load Transient 0-8A
Figure 15: Load Transient 4-12A
Figure 16: Thermal Image at I
OUT = 12A
(IR3876: 81oC, Inductor: 58oC, PCB: 54oC)
VOUT
PHASE
i
L
VOUT
PHASE
i
L
50mV/div 10V/div 5A/div
20µs/div
50mV/div 10V/div 5A/div
20µs/div
TYPICAL OPERATING DATA
Tested with demoboard shown in Figure 7, VIN = 12.6V, VCC = 5V, Vout = 1.05V, Fs = 300kHz, TA = 25oC, no airflow,
unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com