Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3876MBF Datasheet(PDF) 16 Page - International Rectifier

Part # IR3876MBF
Description  12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3876MBF Datasheet(HTML) 16 Page - International Rectifier

Back Button IR3876MBF Datasheet HTML 12Page - International Rectifier IR3876MBF Datasheet HTML 13Page - International Rectifier IR3876MBF Datasheet HTML 14Page - International Rectifier IR3876MBF Datasheet HTML 15Page - International Rectifier IR3876MBF Datasheet HTML 16Page - International Rectifier IR3876MBF Datasheet HTML 17Page - International Rectifier IR3876MBF Datasheet HTML 18Page - International Rectifier IR3876MBF Datasheet HTML 19Page - International Rectifier IR3876MBF Datasheet HTML 20Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
IR3876MBF
LAYOUT RECOMMENDATION
Bypass Capacitor:
One 1µF high quality ceramic capacitor should be
placed as near VCC pin as possible. The other
end of capacitor can be connected to a via or
connected directly to GND plane. Use a GND
plane instead of a thin trace to the GND pin
because a thin trace have too much impedance.
Boot Circuit:
CBOOT should be placed near the BOOT and
PHASE pins to reduce the impedance when the
upper MOSFET turns on.
Power Stage:
Figure 20 shows the current paths and their
directions for the on and off periods. The on time
path has low average DC current and high AC
current. Therefore, it is recommended to place the
input ceramic
capacitor, upper, and lower
MOSFET in a tight loop as shown in Figure 20.
The purpose of the tight loop from the input
ceramic capacitor is to suppress the high
frequency (10MHz range) switching noise and
reduce Electromagnetic Interference (EMI). If this
path has high inductance, the circuit will cause
voltage spikes and ringing, and increase the
switching loss. The off time path has low AC and
high average DC current. Therefore, it should be
laid out with a tight loop and wide trace at both
ends of the inductor. Lowering the loop resistance
reduces the power loss. The typical resistance
value of 1-ounce copper thickness is 0.5mΩ per
square inch.
Figure 20. Current Path of Power Stage
VOUT
VIN
ON
OFF
COUT
CIN
IR3871
IR3876



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com