Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3876MBF Datasheet(PDF) 14 Page - International Rectifier

Part # IR3876MBF
Description  12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3876MBF Datasheet(HTML) 14 Page - International Rectifier

Back Button IR3876MBF Datasheet HTML 10Page - International Rectifier IR3876MBF Datasheet HTML 11Page - International Rectifier IR3876MBF Datasheet HTML 12Page - International Rectifier IR3876MBF Datasheet HTML 13Page - International Rectifier IR3876MBF Datasheet HTML 14Page - International Rectifier IR3876MBF Datasheet HTML 15Page - International Rectifier IR3876MBF Datasheet HTML 16Page - International Rectifier IR3876MBF Datasheet HTML 17Page - International Rectifier IR3876MBF Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
IR3876MBF
Boot Capacitor Selection
The boot capacitor starts the cycle fully charged
to a voltage of VB(0).
Cg equals 1.2nF in
IR3876. Choose a sufficiently small ΔV such
that VB(0)-ΔV exceeds the maximum gate
threshold voltage to turn on the high side
MOSFET.
Choose a boot capacitor value larger than the
calculated CBOOT in equation 8. Equation 8 is
based on charge balance at CCM operation.
Usually the boot capacitor will be discharged to
a much lower voltage when the circuit is
operating in DCM mode at light load, due to
much longer Q2 off time and the bias current
drawn by the IC. Boot capacitance needs to be
increased if insufficient turn-on of Q1 is
observed at light load, typically larger than
0.1µF is needed. The voltage rating of this part
needs to be larger than VB(0) plus the desired
derating voltage. Its ESR and ESL needs to be
low in order to allow it to deliver the large
current and di/dt’s which drive MOSFETs most
efficiently. In support of these requirements a
ceramic capacitor should be chosen.
Output Capacitor Selection
Selection of the output capacitor requires meeting
voltage overshoot requirements during load
removal, and meeting steady state output ripple
voltage requirements. The output capacitor is the
most
expensive
converter
component
and
increases the overall system cost. The output
capacitor decoupling in the converter typically
includes the low frequency capacitor, such as
Specialty Polymer Aluminum, and mid frequency
ceramic capacitors.
The first purpose of output capacitors is to provide
current when the load demand exceeds the
inductor current, as shown in Figure 18. Equation
6 shows the charge requirement for a certain load.
The advantage provided by the IR3876 at a load
step is to reduce the delay compared to a fixed
frequency control method (in microseconds or (1-
D)*Ts). If the load increases right after the PWM
signal goes low, the longest delay will be equal to
the minimum lower gate on as shown in the
Electrical Specification table. The IR3876 also
reduces the inductor current slew time, the time it
takes for the inductor current to reach equality
with the output current, by increasing the
switching frequency up to 2.5MHz. The result
reduces the recovery time.
VESR is usually much greater than VESL. The
IR3876 requires a total ESR such that the ripple
voltage at the FB pin is greater than 7mV.
The second purpose of the output capacitor is to
minimize the overshoot of the output voltage
when the load decreases as shown in Figure
19. By using the law of energy before and after
the load removal, equation 7 shows the output
capacitance requirement for a load step.
Figure 18. Charge Requirement during Load Step

(6b)
V
V
ΔIstep
L
2
1
V
1
C
(6a)
t
Istep
0.5
V
C
Q
OUT
IN
DROP
OUT
2
The output voltage drop, VDROP, initially depends
on the characteristic of the output capacitor.
VDROP is the sum of the equivalent series
inductance (ESL) of the output capacitor times the
rate of change of the output current and the ESR
times the change of the output current.
(7)
V
V
I
L
C
2
OUT
2
OS
2
STEP
OUT
Figure 19. Typical Output Voltage Response
Waveform.
(8)
1
ΔV
(0)
V
C
C
B
g
BOOT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com