Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3876MBF Datasheet(PDF) 13 Page - International Rectifier

Part # IR3876MBF
Description  12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3876MBF Datasheet(HTML) 13 Page - International Rectifier

Back Button IR3876MBF Datasheet HTML 9Page - International Rectifier IR3876MBF Datasheet HTML 10Page - International Rectifier IR3876MBF Datasheet HTML 11Page - International Rectifier IR3876MBF Datasheet HTML 12Page - International Rectifier IR3876MBF Datasheet HTML 13Page - International Rectifier IR3876MBF Datasheet HTML 14Page - International Rectifier IR3876MBF Datasheet HTML 15Page - International Rectifier IR3876MBF Datasheet HTML 16Page - International Rectifier IR3876MBF Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
IR3876MBF
Input Capacitor Selection
The main function of the input capacitor bank is
to provide the input ripple current and fast slew
rate current during the load current step up. The
input capacitor bank must have adequate ripple
current carrying capability to handle the total
RMS current. Figure 17 shows a typical input
current. Equation 5 shows the RMS input
current. The RMS input current contains the DC
load current and the inductor ripple current. As
shown in equation 4, the inductor ripple current
is unrelated to the load current. The maximum
RMS input current occurs at the maximum
output current. The maximum power dissipation
in the input capacitor equals the square of the
maximum RMS input current times the input
capacitor’s total ESR.
Figure 17. Typical Input Current Waveform.
CIRCUIT DESCRIPTION
COMPONENT SELECTION
Selection of components for the converter is an
iterative process which involves meeting the
specifications
and
trade-offs
between
performance and cost. The following sections will
guide one through the process.
Inductor Selection
Inductor selection involves meeting the steady
state output ripple requirement, minimizing the
switching loss of the upper MOSFET, meeting
transient response specifications and minimizing
the output capacitance. The output voltage
includes a DC voltage and a small AC ripple
component due to the low pass filter which has
incomplete
attenuation
of
the
switching
harmonics. Neglecting the inductance in series
with the output capacitor, the magnitude of the AC
voltage ripple is determined by the total inductor
ripple current flowing through the total equivalent
series resistance (ESR) of the output capacitor
bank.
The voltage rating of the input capacitor needs
to be greater than the maximum input voltage
because of high frequency ringing at the phase
node. The typical percentage is 25%.

(4)
L
2
V
V
T
ΔI
OUT
IN
ON
One can use equation 4 to find the required
inductance. ΔI is defined as shown in Figure 17.
The main advantage of small inductance is
increased inductor current slew rate during a load
transient, which leads to a smaller output
capacitance requirement as discussed in the
Output Capacitor Selection section. The draw
back of using smaller inductances is increased
switching power loss in upper MOSFET, which
reduces the system efficiency and increases the
thermal dissipation.

(5)
I
ΔI
3
1
1
Fs
Ton
I
dt
t
f
Ts
1
I
2
OUT
OUT
Ts
0
2
IN_RMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com