Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3876MBF Datasheet(PDF) 11 Page - International Rectifier

Part # IR3876MBF
Description  12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3876MBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IR3876MBF Datasheet HTML 7Page - International Rectifier IR3876MBF Datasheet HTML 8Page - International Rectifier IR3876MBF Datasheet HTML 9Page - International Rectifier IR3876MBF Datasheet HTML 10Page - International Rectifier IR3876MBF Datasheet HTML 11Page - International Rectifier IR3876MBF Datasheet HTML 12Page - International Rectifier IR3876MBF Datasheet HTML 13Page - International Rectifier IR3876MBF Datasheet HTML 14Page - International Rectifier IR3876MBF Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
IR3876MBF
GATE DRIVE LOGIC
The gate drive logic features adaptive dead
time, diode emulation, and a minimum lower
gate interval.
An
adaptive
dead
time
prevents
the
simultaneous conduction of the upper and lower
MOSFETs. The lower gate voltage (LGATE)
must be below approximately 1V after PWM
goes HIGH before the upper MOSFET can be
gated on. Also, the upper gate voltage
(UGATE), the difference voltage between
UGATE
and
PHASE,
must
be
below
approximately 1V after PWM goes LOW before
the lower MOSFET can be gated on.
The control MOSFET is gated on after the
adaptive delay for PWM = HIGH and the
synchronous MOSFET is gated on after the
adaptive delay for PWM = LOW. The lower
MOSFET is driven ‘off’ when the signal
ZCROSS indicates that the inductor current has
reversed as detected by the PHASE voltage
crossing the zero current threshold. The
synchronous MOSFET stays ‘off’ until the next
PWM falling edge. When the lower peak of
inductor current is above zero, a forced
continuous current condition is selected. The
control MOSFET is gated on after the adaptive
delay for PWM = HIGH, and the synchronous
MOSFET is gated on after the adaptive delay for
PWM = LOW.
The synchronous MOSFET gate is driven on for
a minimum duration. This minimum duration
allows time to recharge the bootstrap capacitor
and allows the current monitor to sample the
PHASE voltage.
PWM COMPARATOR
The PWM comparator initiates a SET signal
(PWM pulse) when the FB pin falls below the
reference (VREF) or the soft start (SS) voltage.
ON-TIME GENERATOR
The PWM on-time duration is programmed with
an external resistor (RFF) from the input supply
(VIN) to the FF pin. The simplified equation for
RFF is shown in equation 1. The FF pin is held to
an internal reference after EN goes HIGH. A copy
of the current in RFF charges a timing capacitor,
which sets the on-time duration, as shown in
equation 2.
SOFT START
An internal 10µA current source charges the
external capacitor on the SS pin to set the output
voltage slew rate during the soft start interval. The
output voltage reaches regulation when the FB pin
is above the under voltage threshold and the UV#
= HIGH. Once the voltage on the SS pin is above
the PGOOD delay threshold, the combination of
the SSDelay and UV# signals release the
PGOOD pin. With EN = LOW, the capacitor
voltage and SS pin is held to the FB pin voltage.
CIRCUIT DESCRIPTION
(2)
V
20
1
R
T
IN
FF
ON
pF
V
(1)
F
20
1
V
R
SW
OUT
FF
pF
V
CONTROL LOGIC
The control logic monitors input power sources,
sequences the converter through the soft-start
and protective modes, and indicates output
voltage status on the PGOOD pin.
VCC and
3VCBP pins are continuously monitored, and the
IR3876 will be disabled if the voltage of either pin
drops below the falling thresholds.
The IR3876 will initiate a soft start when VCC is in
the normal range and the EN pin = HIGH. In the
event of a sustained overload, a counter keeps
track of four soft-start cycles and then disables the
IR3876. The overload counter is only reset by EN
or UVLO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com