Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM310 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SMM310
Description  Silicon MEMS Microphone
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMM310 Datasheet(HTML) 4 Page - Infineon Technologies AG

  SMM310 Datasheet HTML 1Page - Infineon Technologies AG SMM310 Datasheet HTML 2Page - Infineon Technologies AG SMM310 Datasheet HTML 3Page - Infineon Technologies AG SMM310 Datasheet HTML 4Page - Infineon Technologies AG SMM310 Datasheet HTML 5Page - Infineon Technologies AG SMM310 Datasheet HTML 6Page - Infineon Technologies AG SMM310 Datasheet HTML 7Page - Infineon Technologies AG SMM310 Datasheet HTML 8Page - Infineon Technologies AG SMM310 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Data Sheet
4
V1.1, 2008-05-28
SMM310
Silicon MEMS Microphone
Silicon MEMS Microphone
Applications
The SMM310 is designed for
•
Mobile Phones (Handsets, Headsets)
•
Consumer (Game Consoles, PDA’s)
•
Computer (Personal Computers, Notebooks)
•
Cameras (Digital Still Cameras, Video Cameras)
Product Description
Miniature Silicon MEMS (Micro Electro Mechanical System) omni-directional Microphone with single-ended
analog interface designed for automated reflow soldering assembly as SMD (Surface Mounted Device)
component. It is an alternative to conventional ECMs (Electret Condenser Microphones).
Due to its robust design with a metallic lid and monolithic integrated EMI-blocking capacitors and utilization of
Silicon MEMS technology, the SMM310 shows high immunity to EMI (Electromagnetic Interference) and heat.
The capped Chip-On-Board package solution contains the micromechanical sensor chip and an amplifier chip.
The RoHS-compliant halogen-free device has a size of 4.72 x 3.76 x 1.25 mm3.
Figure 1
Block Diagram
Features
•
SMD MEMS microphone for automated surface mount assembly
•
Reflow soldering up to 260 °C (lead free)
•
High long-term temperature stability
•
Stable sensitivity over power supply range of 1.5 - 3.3 V
•
Low current consumption of 80
µA
•
Excellent power supply rejection of -55 dB
•
High integrated immunity to EMI
•
RoHS-compliant, halogen-free package with small footprint and
low height of 1.25 mm
Type
Package
Marking
SMM310
HG-MMA-4-2
S310
VDD (4)
OUT (1)
GND (2,3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com