Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM310 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SMM310
Description  Silicon MEMS Microphone
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMM310 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button SMM310 Datasheet HTML 2Page - Infineon Technologies AG SMM310 Datasheet HTML 3Page - Infineon Technologies AG SMM310 Datasheet HTML 4Page - Infineon Technologies AG SMM310 Datasheet HTML 5Page - Infineon Technologies AG SMM310 Datasheet HTML 6Page - Infineon Technologies AG SMM310 Datasheet HTML 7Page - Infineon Technologies AG SMM310 Datasheet HTML 8Page - Infineon Technologies AG SMM310 Datasheet HTML 9Page - Infineon Technologies AG SMM310 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Data Sheet
6
V1.1, 2008-05-28
SMM310
Silicon MEMS Microphone
Typical Measurements Results
Figure 2
Typical frequency response curve relative to the sensitivity at a frequency of 1 kHz
Figure 3
Typical change of sensitivity at 1 kHz and equivalent noise level over temperature relative to
T
A =23° C
-10
-8
-6
-4
-2
0
2
4
6
8
10
100
1000
10000
Frequency [Hz]
+1
-1
-1
+4
-5
-4
-3
-2
-1
0
1
2
3
4
5
-40
-20
0
20
40
60
80
100
Temperature / °C
-5
-4
-3
-2
-1
0
1
2
3
4
5
-40
-20
0
20
40
60
80
100
Temperature / °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com