Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM310 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SMM310
Description  Silicon MEMS Microphone
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMM310 Datasheet(HTML) 5 Page - Infineon Technologies AG

  SMM310 Datasheet HTML 1Page - Infineon Technologies AG SMM310 Datasheet HTML 2Page - Infineon Technologies AG SMM310 Datasheet HTML 3Page - Infineon Technologies AG SMM310 Datasheet HTML 4Page - Infineon Technologies AG SMM310 Datasheet HTML 5Page - Infineon Technologies AG SMM310 Datasheet HTML 6Page - Infineon Technologies AG SMM310 Datasheet HTML 7Page - Infineon Technologies AG SMM310 Datasheet HTML 8Page - Infineon Technologies AG SMM310 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SMM310
Silicon MEMS Microphone
Data Sheet
5
V1.1, 2008-05-28
Pin Definition and Function
Maximum Ratings
ESD robustness
Acoustical and Electrical Characteristics
Table 1
Pin Definition and Function
Pin No.
Symbol
Function
1
OUT
Output
2
GND
Ground
3
GND
Ground
4
V
DD
Power
Table 2
Maximum Ratings
Storage Temperature
T
STG
-40 °C - 125 °C
Operating Temperature Range
T
A
-40 °C - 85 °C
Operating Voltage Range
V
DD
1.5 V - 3.3 V
Table 3
Typical robustness to electrostatic discharge
ESD capability all pins (HBM, JESD22-A114)
V
ESD_HBM
± 4kV
ESD capability all pins (MM, JESD22-A115)
V
ESD_MM
± 400 V
Table 4
Unless otherwise noted, typical test conditions are
T
A =23°C, VDD = 2.1 V and R.H. = 50 %
measured in a pressure chamber test setup. All voltages refer to GND node
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Sensitivity 1 kHz
S
1kHz
-45
-42
-39
dB(V/Pa)
1 kHz, 94 dB SPL
Relative Sensitivity 4 kHz
∆S
4kHz
-1
+4
dB
Relative to sensitivity 1 kHz
Relative Sensitivity 240 Hz
∆S
240Hz
-1
+1
dB
Relative to sensitivity 1 kHz
Equivalent Noise Level
ENL
29.5
32.5
dB(pso)
CCITT-weighted1)
1) Psophometrically weighted noise measurement with CCITT-filter (ITU-T Rec. P.53)
35
dB(A)
A-weighted2)
2) Noise measurement with A-weighting filter (IEC 651)
Signal-to-Noise Ratio
SNR
61.5
64.5
dB(pso)
CCITT-weighted
59
dB(A)
A-weighted
Total Harmonic Distortion
THD
0.1
0.5
%
104 dB SPL, 1 kHz
Current Consumption
I
CC
80
140
µA
V
DD =2.1 V
Power Supply Rejection Ratio
PSRR
-55
-40
dBr
100 mV superimposed on
V
DD =2.1 V, 1 kHz
DC Output Voltage
V
OUT
1.2
V
DC Voltage at Pin 1
Output Impedance
Z
OUT
7
Ω
1kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com