Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM310 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # SMM310
Description  Silicon MEMS Microphone
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMM310 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button SMM310 Datasheet HTML 5Page - Infineon Technologies AG SMM310 Datasheet HTML 6Page - Infineon Technologies AG SMM310 Datasheet HTML 7Page - Infineon Technologies AG SMM310 Datasheet HTML 8Page - Infineon Technologies AG SMM310 Datasheet HTML 9Page - Infineon Technologies AG SMM310 Datasheet HTML 10Page - Infineon Technologies AG SMM310 Datasheet HTML 11Page - Infineon Technologies AG SMM310 Datasheet HTML 12Page - Infineon Technologies AG SMM310 Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Data Sheet
10
V1.1, 2008-05-28
SMM310
Silicon MEMS Microphone
Package Outline
Figure 10
Package outline
Recommended Customer Land Pattern
Figure 11
Recommended customer land pattern
Table 5
Dimensions
Item
Dimension (mm)
Tolerance (mm)
Height
1.25
± 0.1
Length
4.72
± 0.1
Width
3.76
± 0.1
Sound Port Diameter
0.84
± 0.1
GHG01248
0.1 4x
12
43
3
4
1
2
±0.1
0.84
±0.2
1.32
±0.1
4.72
0.15 TYP.
1.45 TYP.
(2.97)
1)
1) Area for acoustic seal diam. 1.64 mm typ.
HLGF1250
1.45
2.97
4.42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com