Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM310 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # SMM310
Description  Silicon MEMS Microphone
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMM310 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button SMM310 Datasheet HTML 5Page - Infineon Technologies AG SMM310 Datasheet HTML 6Page - Infineon Technologies AG SMM310 Datasheet HTML 7Page - Infineon Technologies AG SMM310 Datasheet HTML 8Page - Infineon Technologies AG SMM310 Datasheet HTML 9Page - Infineon Technologies AG SMM310 Datasheet HTML 10Page - Infineon Technologies AG SMM310 Datasheet HTML 11Page - Infineon Technologies AG SMM310 Datasheet HTML 12Page - Infineon Technologies AG SMM310 Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
SMM310
Silicon MEMS Microphone
Data Sheet
11
V1.1, 2008-05-28
Solder Reflow
Recommended Vacuum Handling
Figure 12
Recommended minimum distance between sound port hole and vacuum pick tool opening is
0.50 mm
Table 6
Solder Reflow Conditions
Solder Reflow Profile
Compliant to J-STD-020-C
Maximum Peak Temperature
260 °C
Number of Reflow
3 times reflow soldering
Board washing after Reflow
Board washing can damage the microphone if the sound inlet hole is
uncovered
Moisture Sensitivity Level
MSL 2 classified
0.5
mm MIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com