Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM310 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SMM310
Description  Silicon MEMS Microphone
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMM310 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button SMM310 Datasheet HTML 3Page - Infineon Technologies AG SMM310 Datasheet HTML 4Page - Infineon Technologies AG SMM310 Datasheet HTML 5Page - Infineon Technologies AG SMM310 Datasheet HTML 6Page - Infineon Technologies AG SMM310 Datasheet HTML 7Page - Infineon Technologies AG SMM310 Datasheet HTML 8Page - Infineon Technologies AG SMM310 Datasheet HTML 9Page - Infineon Technologies AG SMM310 Datasheet HTML 10Page - Infineon Technologies AG SMM310 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SMM310
Silicon MEMS Microphone
Data Sheet
7
V1.1, 2008-05-28
Figure 4
Typical measurement of sensitivity, equivalent noise level, current consumption and DC
output voltage over power supply
V
DD
Figure 5
Typical total harmonic distortion over sound pressure level (1 kHz,
V
DD =2.1 V)
-45
-44
-43
-42
-41
-40
-39
1.4 1.7
2
2.3 2.6 2.9 3.2
VDD [V]
26.5
27.5
28.5
29.5
30.5
31.5
32.5
Sensitivity
Equivalent
Noise
60
65
70
75
80
85
90
1.4 1.7 2 2.3 2.6 2.9 3.2 3.5
VDD [V]
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
Current
Consumption
DC Output
Voltage
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
90
100
110
120
130
Sound Pressure [dB SPL]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com