Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4268GS Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE4268GS
Description  5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4268GS Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE4268GS Datasheet HTML 1Page - Infineon Technologies AG TLE4268GS Datasheet HTML 2Page - Infineon Technologies AG TLE4268GS Datasheet HTML 3Page - Infineon Technologies AG TLE4268GS Datasheet HTML 4Page - Infineon Technologies AG TLE4268GS Datasheet HTML 5Page - Infineon Technologies AG TLE4268GS Datasheet HTML 6Page - Infineon Technologies AG TLE4268GS Datasheet HTML 7Page - Infineon Technologies AG TLE4268GS Datasheet HTML 8Page - Infineon Technologies AG TLE4268GS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TLE 4268
Data Sheet
3
Rev. 1.5, 2007-03-20
Figure 2
Pin Configuration (top view)
Table 2
Pin Definitions and Functions
Pin
Symbol
Function
1, 2, 8, 13,
19, 20
N.C.
Not connected.
3RO
Reset output; the open collector output is connected to the
5-V output via an integrated resistor of 30 k
Ω.
4 … 7,
14 … 17
GND
Ground
9D
Reset delay; connect a capacitor to ground for delay time
adjustment.
10
RADJ
Reset switching threshold; for setting the switching threshold,
output to ground with voltage divider. If this input is connected
to ground, the reset is triggered at an output voltage of 4.5 V.
11
W
Watchdog input; positive-edge-triggered input for monitoring a
microcontroller.
12
Q
5-V output voltage; block to ground with 22
µF capacitor,
ESR < 3
Ω.
18
I
Input voltage; block to ground directly on the IC with ceramic
capacitor.
AEP01540
GND
Q
Ι
N.C.
N.C.
13
14
10
15
9
16
8
17
N.C.
7
18
6
19
GND
5
20
4
3
2
1
GND
GND
N.C.
D
11
12
RO
GND
GND
RADJ
GND
GND
W
N.C.
N.C.
PG-DSO-20-35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com