Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4268GS Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE4268GS
Description  5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4268GS Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE4268GS Datasheet HTML 1Page - Infineon Technologies AG TLE4268GS Datasheet HTML 2Page - Infineon Technologies AG TLE4268GS Datasheet HTML 3Page - Infineon Technologies AG TLE4268GS Datasheet HTML 4Page - Infineon Technologies AG TLE4268GS Datasheet HTML 5Page - Infineon Technologies AG TLE4268GS Datasheet HTML 6Page - Infineon Technologies AG TLE4268GS Datasheet HTML 7Page - Infineon Technologies AG TLE4268GS Datasheet HTML 8Page - Infineon Technologies AG TLE4268GS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Data Sheet
4
Rev. 1.5, 2007-03-20
TLE 4268
Circuit Description
The control amplifier compares a reference voltage, which is kept highly accurate by
resistance adjustment, to a voltage that is proportional to the output voltage and drives
the base of the series transistor via a buffer. Saturation control as a function of the load
current prevents any over-saturation of the power element. If the externally scaled down
output voltage at the reset threshold input drops below 1.35 V, the external reset delay
capacitor is discharged by the reset generator. If the voltage on the capacitor reaches
the lower threshold
V
DRL, a reset signal is generated on the reset output and not
cancelled again until the upper threshold voltage is exceeded. If the reset threshold input
is connected to GND, reset is triggered at an output voltage of 4.5 V. A connected
microcontroller is monitored by the watchdog logic. If pulses are missing, the rest output
is set to low. The pulse sequence time can be set within a wide range with the reset delay
capacitor. The IC also incorporates internal circuits for protection against:
•
Overload
•
Overtemperature
•
Reverse polarity
Figure 3
Block Diagram TLE 4268 G (PG-DSO-20-35)
AEB01539
Temperature
Sensor
Control
Amplifier
Protection
Circuit
Reference
Bandgap
Adjustment
Generator
Reset
Watchdog
Watchdog
Input
3
12
10
9
Output
Reset
Reset
Reset
Output
Switching
Delay
11
Threshold
18
Input
4-7, 14-17
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com