Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4268GS Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4268GS
Description  5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4268GS Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4268GS Datasheet HTML 8Page - Infineon Technologies AG TLE4268GS Datasheet HTML 9Page - Infineon Technologies AG TLE4268GS Datasheet HTML 10Page - Infineon Technologies AG TLE4268GS Datasheet HTML 11Page - Infineon Technologies AG TLE4268GS Datasheet HTML 12Page - Infineon Technologies AG TLE4268GS Datasheet HTML 13Page - Infineon Technologies AG TLE4268GS Datasheet HTML 14Page - Infineon Technologies AG TLE4268GS Datasheet HTML 15Page - Infineon Technologies AG TLE4268GS Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Data Sheet
12
Rev. 1.5, 2007-03-20
TLE 4268
Drop Voltage
V
DR versus
Output Current
I
Q
Current Consumption
I
q
versus Input Voltage
V
I
Current Consumption
I
q
versus Output Current
I
Q
Output Voltage versus
Input Voltage
V
I
AED01544
0
0
= 125
Vdr
T
mV
C
100
200
300
400
500
600
700
Q
Ι
50
100
150
200
mA
C
T
25
=
250
j
j
AED01546
0
0
= 33
Ω
R
Iq
V
4
8
12
16
20
24
10
20
30
40
50
L
I
L
R
Ω
= 50
L
R
Ω
= 100
Tj = 25 ˚C
mA
V
AED01545
0
0
2
6
10
12
14
Q
I
q
I
V
I = 13.5 V
16
4
8
T = 25 ˚C
j
50
100
150
200
mA
mA
AED01547
0
0
VQ
V
2
4
6
8
10
mA
24
6
8
V
Ι
L
R
Ω
33
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com