Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4268GS Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE4268GS
Description  5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4268GS Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE4268GS Datasheet HTML 9Page - Infineon Technologies AG TLE4268GS Datasheet HTML 10Page - Infineon Technologies AG TLE4268GS Datasheet HTML 11Page - Infineon Technologies AG TLE4268GS Datasheet HTML 12Page - Infineon Technologies AG TLE4268GS Datasheet HTML 13Page - Infineon Technologies AG TLE4268GS Datasheet HTML 14Page - Infineon Technologies AG TLE4268GS Datasheet HTML 15Page - Infineon Technologies AG TLE4268GS Datasheet HTML 16Page - Infineon Technologies AG TLE4268GS Datasheet HTML 17Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Data Sheet
14
Rev. 1.5, 2007-03-20
TLE 4268
Package Outlines
Figure 7
PG-DSO-8-16 (Plastic Dual Small Outline)
Green Product (RoHS compliant)
To meet the world-wide customer requirements for environmentally friendly products
and to be compliant with government regulations the device is available as a green
product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable
for Pb-free soldering according to IPC/JEDEC J-STD-020).
1) Does not include plastic or metal protrusion of 0.15 max. per side
-0.06
-0.2
+0.1
5
0.41
8x
1
1)
4
8
1.27
5
A
0.1
0.2 M A
B
B
6 ±0.2
0.64
4 -0.2
0.35 x 45°
1)
±0.25
Index
Marking
2) Lead width can be 0.61 max. in dambar area
GPS01229
You can find all of our packages, sorts of packing and others in our
Infineon Internet Page “Products”: http://www.infineon.com/products.
Dimensions in mm
SMD = Surface Mounted Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com