Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4268GS Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4268GS
Description  5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4268GS Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4268GS Datasheet HTML 2Page - Infineon Technologies AG TLE4268GS Datasheet HTML 3Page - Infineon Technologies AG TLE4268GS Datasheet HTML 4Page - Infineon Technologies AG TLE4268GS Datasheet HTML 5Page - Infineon Technologies AG TLE4268GS Datasheet HTML 6Page - Infineon Technologies AG TLE4268GS Datasheet HTML 7Page - Infineon Technologies AG TLE4268GS Datasheet HTML 8Page - Infineon Technologies AG TLE4268GS Datasheet HTML 9Page - Infineon Technologies AG TLE4268GS Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Data Sheet
6
Rev. 1.5, 2007-03-20
TLE 4268
Optimum reliability and life time are guaranteed if the junction temperature does not
exceed 125
°C in operating mode. Operation at up to the maximum junction temperature
of 150
°C is possible in principle. Note, however, operation at the maximum permitted
ratings could affect the reliability of the device.
Table 4
Operating Range
Parameter
Symbol
Limit Values
Unit
Notes
Min.
Max.
Input voltage
V
I
–45
V
–
Junction temperature
T
j
-40
150
°C–
Thermal Resistance
Junction ambient (soldered)
R
thj-a
R
thj-a
–
–
185
100
K/W
K/W
PG-DSO-8-16
1)
PG-DSO-20-35
1)
Junction pin
R
thj-pin
R
thj-pin
–
–
72
23
K/W
K/W
PG-DSO-8-16
2)
PG-DSO-20-35
3)
1) Package mounted on PCB 80
× 80 × 1.5 mm3; 35µ Cu; 5µ Sn; Footprint only; zero airflow.
2) Measured to pin 2.
3) Measured to pin 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com