Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4268GS Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4268GS
Description  5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4268GS Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4268GS Datasheet HTML 3Page - Infineon Technologies AG TLE4268GS Datasheet HTML 4Page - Infineon Technologies AG TLE4268GS Datasheet HTML 5Page - Infineon Technologies AG TLE4268GS Datasheet HTML 6Page - Infineon Technologies AG TLE4268GS Datasheet HTML 7Page - Infineon Technologies AG TLE4268GS Datasheet HTML 8Page - Infineon Technologies AG TLE4268GS Datasheet HTML 9Page - Infineon Technologies AG TLE4268GS Datasheet HTML 10Page - Infineon Technologies AG TLE4268GS Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TLE 4268
Data Sheet
7
Rev. 1.5, 2007-03-20
Table 5
Characteristics
V
I = 13.5 V; -40 °C ≤ Tj ≤ 125 °C (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Typ.
Max.
Output voltage
V
Q
4.90
5.00
5.10
V
5 mA
≤ I
Q ≤ 150 mA;
6 V
≤ V
I ≤ 28 V
Output current limiting
I
Q
180
250
–
mA
–
Current consumption
I
q = II - IQ
I
q
–
300
450
µA
I
Q = 0 mA
Current consumption
I
q = II - IQ
I
q
–
1320mA
I
Q = 150 mA
Drop voltage
V
DR
–
0.25
0.50
V
I
Q = 150 mA
1)
Load regulation
∆V
Q,Lo
–
1030mV
I
Q = 5 to 150 mA
Line regulation
∆V
Q,Li
–
1030mV
V
I = 6 to 28 V
I
Q = 150 mA
Reset Generator
Reset threshold
V
Q,rt
4.2
4.5
4.8
V
–
Reset adjust
threshold
V
RADJ
1.28
1.35
1.45
V
–
Reset low voltage
V
RO,l
–
0.2
0.5
V
1 mA external
Saturation voltage
V
D
–
30
100
mV
V
Q < VRT
Charging current
I
D,c
512
18
µA
V
D = 1.0 V
Upper reset timing
threshold
V
DU
1.4
1.8
2.2
V
–
Reset delay time
t
rd
10
15
25
ms
C
D = 100 nF
Reset reaction time
t
rr
–2–
µs
C
D = 100 nF
Pull-up
R
RO
18
30
46
k
Ω
with resp. to
V
Q
Lower reset timing
threshold
V
DRL
0.2
0.4
0.55
V
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com