Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8315E Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MPC8315E
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315E Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MPC8315E Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 112 page
background image
MPC8315E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
64
Freescale Semiconductor
PCI Express
Maximum time between
the jitter median and
maximum deviation from
the median
TTX-EYE-MEDIAN-to-
MAX-JITTER
Jitter is defined as the
measurement variation of the
crossing points (VTX-DIFFp-p =
0 V) in relation to a recovered
TX UI. A recovered TX UI is
calculated over 3500
consecutive unit intervals of
sample data. Jitter is
measured using all edges of
the 250 consecutive UI in the
center of the 3500 UI used for
calculating the TX UI.
—
—
0.15
UI
2, 3
D+/D- TX output rise/fall
time
TTX-RISE, TTX-FALL
—
0.125
—
—
UI
2, 5
RMS AC peak common
mode output voltage
VTX-CM-ACp
VTX-CM-ACp = RMS(|VTXD+ +
VTXD-|/2 - VTX-CM-DC)
VTX-CM-DC = DC(avg) of
|VTX-D+ + VTX-D-|/2
——
20
mV
2
Absolute delta of DC
common mode voltage
during L0 and electrical
idle
VTX-CM-DC- ACTIVE-
IDLE-DELTA
|VTX-CM-DC (during L0) -
VTX-CM-Idle-DC (During Electrical
Idle)|<=100 mV
VTX-CM-DC = DC(avg) of
|VTX-D+ + VTX-D-|/2 [L0]
VTX-CM-Idle-DC = DC(avg) of
|VTX-D+ + VTX-D-|/2 [Electrical
Idle]
0—
100
mV
2
Absolute delta of DC
common mode between
D+ and D–
VTX-CM-DC-LINE-DELTA |VTX-CM-DC-D+ - VTX-CM-DC-D-|
<= 25 mV
VTX-CM-DC-D+ = DC(avg) of
|VTX-D+|
VTX-CM-DC-D- = DC(avg) of
|VTX-D-|
0—
25
mV
2
Electrical idle differential
peak output voltage
VTX-IDLE-DIFFp
VTX-IDLE-DIFFp = |VTX-IDLE-D+
-VTX-IDLE-D-| <= 20 mV
0—
20
mV
2
Amount of voltage change
allowed during receiver
detection
VTX-RCV-DETECT
The total amount of voltage
change that a transmitter can
apply to sense whether a low
impedance Receiver is
present.
——
600
mV
6
TX DC common mode
voltage
VTX-DC-CM
The allowed DC Common
Mode voltage under any
conditions.
——
3.6
V
6
TX short circuit current
limit
ITX-SHORT
The total current the
Transmitter can provide when
shorted to its ground
——
90
mA
—
Table 54. Differential Transmitter (TX) Output Specifications (continued)
Parameter
Symbol
Comments
Min
Typical
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com