Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8315E Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # MPC8315E
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315E Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button MPC8315E Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 112 page
background image
MPC8315E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
94
Freescale Semiconductor
Package and Pin Listings
VSS
A3, A27, B3, B12, B24,
B28, C6, C8, C13, C17,
C21, C23, C26, D2, D7,
D15, D18, D20, D22, E4,
E6, E11, E24, E26, F8,
F12, F14, F17, F20, G3,
G26, H4, H23, J6, J26,
K25, L4, L11, L12, L13,
L14, L15, L16, L17, L18,
L23, L28, M3, M11, M12,
M13, M14, M15, M16,
M17, M18, N5, N11, N12,
N13, N14, N15, N16,
N17, N18, P6, P11, P12,
P13, P14, P15, P16,
P17, P18, R6, R11, R12,
R13, R14, R15, R16,
R17, R18, T11, T12, T13,
T14, T15, T16, T17, T18,
U5, U6, U11, U12, U13,
U14, U15, U16, U17,
U18, V6, V11, V12, V13,
V14, V15, V16, V17,
V18, W5, W25, W27, Y2,
Y23, AA6, AA27, AB2,
AB26, AC5, AC9, AC12,
AC18, AC21, AD3,
AD14, AD16, AD20,
AD26, AE2, AE7, AE11,
AE16, AE22, AE24, AF2,
AF9, AF12, AF18, AF20,
AF23, AF27, AG1, AG5,
AG11, AG16, AG22,
AG28, AH27
I—
—
VSS1ANA
P24, R19, R20, R24
I
—
—
VSS1IO
M24, N24, P19, P20,
P25, P27, R25, R27, T24
I—
—
XCOREVDD
P2, P10, R2, T1
I
—
—
XCOREVSS
R3, R10, U2, V2
I
—
—
XPADVDD
P3, R9, U3
I
—
—
Table 70. MPC8315E TEPBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com