Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8315E Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC8315E
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315E Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC8315E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 112 page
background image
MPC8315E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
12
Freescale Semiconductor
Electrical Characteristics
3.2
Power Sequencing
The MPC8315E does not require the core supply voltage (VDD and VDDC) and I/O supply voltages
(GVDD, LVDDx_ON, LVDDx_OFF, NVDDx_ON and NVDDx_OFF) to be applied in any particular
order. During the power ramp up, before the power supplies are stable, if the I/O voltages are supplied
before the core voltage, there may be a period of time when all input and output pins be actively driven
and cause contention and/or excessive current. In order to avoid actively driving the I/O pins and to
eliminate excessive current draw, apply the continuous core voltage (VDDC) before the continuous I/O
voltages (LVDDx_ON and NVDDx_ON) and switchable core voltage (VDD) before the switchable I/O
voltages (GVDD, LVDDx_OFF, and NVDDx_OFF). PORESET should be asserted before the continuous
power supplies fully ramp up. In the case where the core voltage is applied first, the core voltage supply
must rise to 90% of its nominal value before the I/O supplies reach 0.7 V, see Figure 3. Once all the power
supplies are stable, wait for a minimum of 32 clock cycles before negating PORESET.
The I/O power supply ramp-up slew rate should be slower than 4V/100
μs, this requirement is for ESD
circuit.
Figure 3 shows the power-up sequencing for switchable and continuous supplies.
Figure 3. Power-Up Sequencing
DDR signal1
18
GVDD = 2.5 V
DDR2 signal 1
18
GVDD = 1.8 V
DUART, system control, I2C, JTAG,SPI
42
NVDD = 3.3 V
GPIO signals
42
NVDD = 3.3 V
eTSEC
42
LVDD = 3.3 V / 2.5 V
1 Output Impedance can also be adjusted through configurable options in DDR Control Driver Register
(DDRCDR). See the
MPC8315E PowerQUICC II Pro Host Processor Reference Manual.
Table 3. Output Drive Capability (continued)
Driver Type
Output Impedance
(
Ω)
Supply
Voltage
Continuous I/O Voltage
Continuous Core Voltage
0.7 V
90%
t
V
Switchable I/O Voltage
Switchable Core Voltage (VDD)
0.7 V
90%
t
V
Power sequence for continuous power supplies
Power sequence for switchable power supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com