Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8315E Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC8315E
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315E Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC8315E Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 112 page
background image
MPC8315E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
Freescale Semiconductor
13
Electrical Characteristics
When switching from normal mode to D3 warm (standby) mode, first turn off the switchable I/O voltage
supply and then turn off the switchable core voltage supply. Similarly, when switching from D3 warm
(standby) mode to normal mode, first turn on the switchable core voltage supply and then turn on the
switchable I/O voltage supply.
CAUTION
When the device is in D3 warm (standby) mode, all external voltage
supplies applied to any I/O pins, with the exception of wake-up pins, must
be turned off. Applying supplied external voltage to any I/O pins, except the
wake up pins, while the device is in D3 warm standby mode may cause
permanent damage to the device.
An example of the power-up sequence is shown in Figure 4 when implemented along with low power D3
warm mode.
Figure 4. Power Up Sequencing Example with Low power D3 Warm Mode
The switchable and continuous supplies can be combined when the D3 warm mode is not used.
The SATA power supplies VDD33PLL and VDD33ANA should go high after NVDD3_OFF supply and
go low before NVDD3_OFF supply. The NVDD3_OFF voltage levels should not drop below the
VDD33PLL, VDD33ANA voltages at any time.
Continuous I/O Voltage
Continuous Core Voltage
90%
PORESET
tSYS_CLK_IN / tPCI_SYNC_IN >= 32 clock
t
V
Switchable Core Voltage
Switchable I/O Voltage
(LVDDx_ON, NVDDx_ON)
(GVDD, LVDDx_OFF, NVDDx_OFF)
VDDC
(VDD)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com