Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8315E Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # MPC8315E
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315E Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button MPC8315E Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 112 page
background image
MPC8315E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
98
Freescale Semiconductor
Clocking
Table 72 provides the operating frequencies for the TEPBGA II under recommended operating conditions
(see Table 2).
24.1
System PLL Configuration
The system PLL is controlled by the RCWL[SPMF] parameter. Table 73 shows the multiplication factor
encodings for the system PLL.
NOTE
If RCWL[DDRCM] and RCWL[LBCM] are both cleared, the system PLL
VCO frequency = (CSB frequency)
× (System PLL VCO Divider).
If either RCWL[DDRCM] or RCWL[LBCM] are set, the system PLL VCO
frequency = 2
× (CSB frequency) × (System PLL VCO Divider).
The VCO divider needs to be set properly so that the System PLL VCO
frequency is in the range of 450–750 MHz.
Table 71. Configurable Clock Units
Unit
Default Frequency
Options
eTSEC1
csb_clk
Off,
csb_clk, csb_clk/2, csb_clk/3
eTSEC2
csb_clk
Off,
csb_clk, csb_clk/2, csb_clk/3
Security Core, I2C, SAP, TPR
csb_clk
Off,
csb_clk, csb_clk/2, csb_clk/3
USB DR
csb_clk
Off,
csb_clk, csb_clk/2, csb_clk/3
PCI and DMA complex
csb_clk
Off,
csb_clk
PCIe
csb_clk
Off,
csb_clk
Serial ATA
csb_clk
Off,
csb_clk, csb_clk/2, csb_clk/3
Table 72. Operating Frequencies for TEPBGA II
Characteristic1
Max Operating Frequency
Unit
e300 core frequency (
core_clk)400
MHz
Coherent system bus frequency (
csb_clk)133
MHz
DDR1/2 memory bus frequency (MCK)2
133
MHz
Local bus frequency (LCLK
n)3
66
MHz
PCI input frequency (SYS_CLKIN or PCI_CLK)
24-66
MHz
Notes:
1. The SYS_CLKIN frequency, RCWL[SPMF], and RCWL[COREPLL] settings must be chosen such that the resulting
csb_clk,
MCK, LCLK[0:1], and
core_clk frequencies do not exceed their respective maximum or minimum operating frequencies.
2. The DDR data rate is 2x the DDR memory bus frequency.
3. The local bus frequency is 1/2, 1/4, or 1/8 of the
lbiu_clk frequency (depending on LCCR[CLKDIV]) which is in turn 1x or 2x
the
csb_clk frequency (depending on RCWL[LBIUCM]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com