Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8315E Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # MPC8315E
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315E Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MPC8315E Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 112 page
background image
MPC8315E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
Freescale Semiconductor
65
PCI Express
Minimum time spent in
electrical idle
TTX-IDLE-MIN
Minimum time a Transmitter
must be in Electrical Idle
Utilized by the Receiver to
start looking for an Electrical
Idle Exit after successfully
receiving an Electrical Idle
ordered set
50
——UI
—
Maximum time to
transition to a valid
electrical idle after
sending an electrical idle
ordered set
TTX-IDLE-SET-TO-IDLE After sending an Electrical
Idle ordered set, the
Transmitter must meet all
Electrical Idle Specifications
within this time. This is
considered a debounce time
for the Transmitter to meet
Electrical Idle after
transitioning from L0.
——
20
UI
—
Maximum time to
transition to valid TX
specifications after leaving
an electrical idle condition
TTX-IDLE-TO-DIFF-DATA Maximum time to meet all TX
specifications when
transitioning from Electrical
Idle to sending differential
data. This is considered a
debounce time for the TX to
meet all TX specifications
after leaving Electrical Idle
——
20
UI
—
Differential return loss
RLTX-DIFF
Measured over 50 MHz to
1.25 GHz.
12
—
—
dB
4
Common mode return
loss
RLTX-CM
Measured over 50 MHz to
1.25 GHz.
6—
—
dB
4
DC differential TX
impedance
ZTX-DIFF-DC
TX DC Differential mode Low
Impedance
80
100
120
Ω
—
Transmitter DC
impedance
ZTX-DC
Required TX D+ as well as D-
DC Impedance during all
states
40
—
—
Ω
—
Lane-to-Lane output skew
LTX-SKEW
Static skew between any two
Transmitter Lanes within a
single Link
—
—
500 + 2
UI
ps
—
AC coupling capacitor
CTX
All Transmitters shall be AC
coupled. The AC coupling is
required either within the
media or within the
transmitting component itself.
75
—
200
nF
8
Table 54. Differential Transmitter (TX) Output Specifications (continued)
Parameter
Symbol
Comments
Min
Typical
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com