Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8315ECVRAGDA Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # MPC8315ECVRAGDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315ECVRAGDA Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MPC8315ECVRAGDA Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 112 page
background image
MPC8315E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
Freescale Semiconductor
41
USB
Figure 23. USB Signals
10.2
On-Chip USB PHY
This section provides the AC and DC electrical specifications for the USB PHY interface of the
MPC8315E.
For details refer to Tables 7-7 through 7-10, and Table 7-14 in the USB 2.0 Specifications document, and
the pull-up/down resistors ECN updates, all available at www.usb.org.
Table 41 provides the USB clock input (USB_CLK_IN) DC timing specifications.
Table 42 provides the USB clock input (USB_CLK_IN) AC timing specifications.
Table 41. USB_CLK_IN DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Input high voltage
VIH
2.7
NVDD +0.3
V
Input low voltage
VIL
–0.3
0.4
V
Table 42. USB_CLK_IN AC Timing Specifications
Parameter/Condition
Conditions
Symbol
Min
Typical
Max
Unit
Frequency range
—
fUSB_CLK_IN
—24
—
MHz
Clock frequency tolerance
—
tCLK_TOL
–0.05
0
0.05
%
Reference clock duty cycle
Measured at
1.6 V
tCLK_DUTY
40
50
60
%
Total input jitter/Time interval error
Peak to peak
value measured
with a second
order high-pass
filter of 500 KHz
bandwidth
tCLK_PJ
—
—
200
ps
Output Signals
tUSKHOV
USBDR_CLK
Input Signals
tUSIXKH
tUSIVKH
tUSKHOX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com