Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8315ECVRAGDA Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # MPC8315ECVRAGDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315ECVRAGDA Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MPC8315ECVRAGDA Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 112 page
background image
MPC8315E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
Freescale Semiconductor
79
TDM
Figure 51 shows the TDM receive signal timing.
Figure 59. TDM Receive Signals
TDMxTFS/TDMxRFS input hold time
tDMFSIXKH
2.0
—
ns
TDMxTCK High to TDMxTD output active
tDM_OUTAC
4.0
—
ns
TDMxTCK High to TDMxTD output valid
tDMTKHOV
—
14.0
ns
TDMxTD hold time
tDMTKHOX
2.0
—
ns
TDMxTCK High to TDMxTD output high impedance
tDM_OUTHI
—
10.0
ns
TDMxTFS/TDMxRFS output valid
tDMFSKHOV
—
13.5
ns
TDMxTFS/TDMxRFS output hold time
tDMFSKHOX
2.5
—
ns
Notes:
1. The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state) (reference)(state)
for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tTDMIVKH symbolizes TDM
timing (DM) with respect to the time the input signals (I) reach the valid state (V) relative to the TDM Clock, tTC, reference (K)
going to the high (H) state or setup time. Also, output signals (O), hold (X).
2. Output values are based on 30 pF capacitive load.
3. Inputs are referenced to the sampling that the TDM is programmed to use. Outputs are referenced to the programming edge
they are programmed to use. Use of the rising edge or falling edge as a reference is programmable. TDMxTCK and TDMxRCK
are shown using the rising edge.
Table 69. TDM AC Timing specifications
Parameter/Condition
Symbol
Min
Max
Units
TDMxRCK
TDMxRD
TDMxRFS
TDMxRFS (output)
tDM
tDM_HIGH
tDM_LOW
tDMIVKH
tDMIVKH
tDMRDIXKH
tDMFSIXKH
tDMFSKHOV
tDMFSKHOX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com