Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8315ECVRAGDA Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # MPC8315ECVRAGDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315ECVRAGDA Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button MPC8315ECVRAGDA Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 112 page
background image
MPC8315E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
68
Freescale Semiconductor
PCI Express
Maximum time between
the jitter median and
maximum deviation from
the median.
TRX-EYE-MEDIAN-to-MAX
-JITTER
Jitter is defined as the
measurement variation of the
crossing points (VRX-DIFFp-p =
0 V) in relation to a recovered
TX UI. A recovered TX UI is
calculated over 3500
consecutive unit intervals of
sample data. Jitter is
measured using all edges of
the 250 consecutive UI in the
center of the 3500 UI used for
calculating the TX UI.
—
—
0.3
UI
2, 3, 7
AC peak common mode
input voltage
VRX-CM-ACp
VRX-CM-ACp = |VRXD+ +
VRXD-|/2 - VRX-CM-DC
VRX-CM-DC = DC(avg) of
|VRX-D+ + VRX-D-|/2
——
150
mV
2
Differential return loss
RLRX-DIFF
Measured over 50 MHz to
1.25 GHz with the D+ and D-
lines biased at +300 mV and
-300 mV, respectively.
15
—
—
dB
4
Common mode return
loss
RLRX-CM
Measured over 50 MHz to
1.25 GHz with the D+ and D-
lines biased at 0 V.
6—
—
dB
4
DC differential input
impedance
ZRX-DIFF-DC
RX DC differential mode
impedance.
80
100
120
Ω
5
DC Input Impedance
ZRX-DC
Required RX D+ as well as D-
DC Impedance (50 ± 20%
tolerance).
40
50
60
Ω
2, 5
Powered down DC input
impedance
ZRX-HIGH-IMP-DC
Required RX D+ as well as D-
DC Impedance when the
Receiver terminations do not
have power.
200 k
—
—
Ω
6
Electrical idle detect
threshold
VRX-IDLE-DET-DIFFp-p VPEEIDT = 2*|VRX-D+ -VRX-D-|
Measured at the package pins
of the Receiver
65
—
175
mV
—
Unexpected Electrical Idle
Enter Detect Threshold
Integration Time
TRX-IDLE-DET-DIFF-
ENTERTIME
An unexpected Electrical Idle
(Vrx-diffp-p <
Vrx-idle-det-diffp-p) must be
recognized no longer than
Trx-idle-det-diff-entertime to
signal an unexpected idle
condition.
——
10
ms
—
Table 55. Differential Receiver (RX) Input Specifications (continued)
Parameter
Symbol
Comments
Min
Typical
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com