Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8315ECVRAGDA Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPC8315ECVRAGDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315ECVRAGDA Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC8315ECVRAGDA Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 112 page
background image
MPC8315E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
16
Freescale Semiconductor
Clock Input Timing
5.1
DC Electrical Characteristics
Table 6 provides the clock input (SYS_CLKIN/PCI_SYNC_IN) DC timing specifications for the
MPC8315E.
5.2
AC Electrical Characteristics
The primary clock source for the MPC8315E can be one of two inputs, SYS_CLKIN or PCI_CLK,
depending on whether the device is configured in PCI host or PCI agent mode. Table 7 provides the clock
input (SYS_CLKIN/PCI_CLK) AC timing specifications for the MPC8315E.
Table 6. SYS_CLKIN DC Electrical Characteristics
Parameter
Condition
Symbol
Min
Max
Unit
Input high voltage
—
VIH
2.4
NVDD + 0.3
V
Input low voltage
—
VIL
-0.3
0.4
V
SYS_CLKIN input current
0 V
≤VIN ≤ NVDD
IIN
—±10
μA
SYS_CR_CLKIN input current
0 V
≤VIN ≤ NVDD
IIN
—±40
μA
PCI_SYNC_IN input current
0 V
≤VIN ≤ NVDD
IIN
—±10
μA
RTC_CLK input current
0 V
≤VIN ≤ NVDD
IIN
—±10
μA
USB_CLK_IN input current
0 V
≤ VIN ≤ NVDD
IIN
—±10
μA
USB_CR_CLK_IN input current
0 V
≤VIN ≤ NVDD
IIN
—±40
μA
SATA_CLK_IN input current
0 V
≤VIN ≤ NVDD
IIN
—±10
μA
Table 7. SYS_CLKIN AC Timing Specifications
Parameter/Condition
Symbol
Min
Typical
Max
Unit
Notes
SYS_CLKIN/PCI_CLK frequency
fSYS_CLKIN
24
—
66
MHz
1, 6, 7
SYS_CLKIN/PCI_CLK cycle time
tSYS_CLKIN
15
—
41.6
ns
6
SYS_CLKIN/PCI_CLK rise and fall time
tKH, tKL
0.6
—
1.2
ns
2, 6
SYS_CLKIN/PCI_CLK duty cycle
tKHK/tSYS_CLKIN
40
—
60
%
3, 6
SYS_CLKIN/PCI_CLK jitter
—
—
—
±150
ps
4, 5, 6
Notes:
1. Caution: The system, core, and security block must not exceed their respective maximum or minimum operating frequencies.
2. Rise and fall times for SYS_CLKIN/PCI_CLK are measured at 0.4 and 2.4 V.
3. Timing is guaranteed by design and characterization.
4. This represents the total input jitter—short term and long term—and is guaranteed by design.
5. The SYS_CLKIN/PCI_CLK driver’s closed loop jitter bandwidth should be <500 kHz at –20 dB. The bandwidth must be set
low to allow cascade-connected PLL-based devices to track SYS_CLKIN drivers with the specified jitter.
6. The parameter names PCI_CLK and PCI_SYNC_IN are used interchangeably in this document.
7. Spread spectrum is allowed upto 1% down-spread at 33kHz.(max. rate).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com