Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8315ECVRAGDA Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # MPC8315ECVRAGDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315ECVRAGDA Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button MPC8315ECVRAGDA Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 112 page
background image
MPC8315E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
80
Freescale Semiconductor
Package and Pin Listings
Figure 60 shows the TDM transmit signal timing.
Figure 60. TDM Transmit Signals
23 Package and Pin Listings
This section details package parameters, pin assignments, and dimensions. The MPC8315E is available in
a thermally enhanced plastic ball grid array (TEPBGA II), see Section 23.1, “Package Parameters for the
MPC8315E TEPBGA II,” and Section 23.2, “Mechanical Dimensions of the TEPBGA II,” for information
on the TEPBGA II.
23.1
Package Parameters for the MPC8315E TEPBGA II
The package parameters are as provided in the following list. The package type is 29 mm
× 29 mm,
TEPBGA II.
Package outline
29 mm
× 29 mm
Interconnects
620
Pitch
1 mm
Module height (typical)
2.23 mm
Solder balls
96.5 Sn/3.5 Ag (VR package)
Ball diameter (typical)
0.6 mm
TDMxTCK
TDMxTD
TDMxRCK
TDMxTFS (output)
TDMxTFS (input)
tDM
tDM_HIGH
tDM_LOW
tDMIVKH
tDM_OUTAC
tDMFSIXKH
tDMTKHOV
tDMTKHOX
tDM_OUTHI
tDMFSKHOV
tDMFSKHOX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com