Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8315ECVRAGDA Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC8315ECVRAGDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315ECVRAGDA Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC8315ECVRAGDA Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 112 page
background image
MPC8315E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
Freescale Semiconductor
5
MPC8315E Features
•
Frame sync and data signals can be programmed to be sampled either on the rising edge or on the
falling edge of the clock
•
Frame sync can be programmed as active low or active high
•
Selectable delay (0–3 bits) between the Frame Sync signal and the beginning of the frame
•
MSB or LSB first support
2.7
USB Dual-Role Controller
The USB controller includes the following features:
•
Designed to comply with USB Specification, Rev. 2.0
•
Supports operation as a stand-alone USB device
— Supports one upstream facing port
— Supports three programmable USB endpoints
•
Supports operation as a stand-alone USB host controller
— Supports USB root hub with one downstream-facing port
— Enhanced host controller interface (EHCI) compatible
•
Supports high-speed (480 Mbps), full-speed (12 Mbps), and low-speed (1.5 Mbps) operation.
Low-speed operation is supported only in host mode.
•
Supports UTMI+ low pin interface (ULPI) or on-chip USB-2.0 full-speed/high-speed PHY
•
Supports USB on-the-go mode, which includes both device and host functionality, when using an
external ULPI PHY
2.8
Dual PCI Express Interfaces
The PCI Express interfaces have the following features:
•
PCI Express 1.0a compatible
•
x1 link width
•
Selectable operation as root complex or endpoint
•
Both 32- and 64-bit addressing
•
128-byte maximum payload size
•
Support for MSI and INTx interrupt messages
•
Virtual channel 0 only
•
Selectable Traffic Class
•
Full 64-bit decode with 32-bit wide windows
•
Dedicated descriptor based DMA engine per interface with separate read and write channels
2.9
Dual Serial ATA (SATA) Controllers
The SATA controllers have the following features:
•
Designed to comply with Serial ATA Rev 2.5 Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com