Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8315ECVRAGDA Datasheet(PDF) 110 Page - Freescale Semiconductor, Inc

Part # MPC8315ECVRAGDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315ECVRAGDA Datasheet(HTML) 110 Page - Freescale Semiconductor, Inc

Back Button MPC8315ECVRAGDA Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 112Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 110 / 112 page
background image
MPC8315E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
110
Freescale Semiconductor
Document Revision History
Table shows the SVR settings by device and package type.
28 Document Revision History
Table 83 provides a revision history for this hardware specification.
Table 81. Part Numbering Nomenclature
MPC
8315
EC
VR
AG
D
A
Product
Code
Part
Identifier
Encryption
Acceleration
Temperature
Range 3
Package 1
e300 Core
Frequency 2
DDR
Frequency
Revision
Level
MPC
8315
Blank = Not
included
E = included
Blank = 0 to 105
°C
C = –40 to 105
°C
VR= Pb
Free
TEPBGA II
AD = 266 MHz
AF = 333 MHz
AG = 400 MHz
D = 266 MHz Contact
local
Freescale
sales office
Notes:
1. See Section 23, “Package and Pin Listings,” for more information on available package types.
2. Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this
specification support all core frequencies. Additionally, parts addressed by electric may support other maximum core
frequencies.
3. Contact your local Freescale field applications engineer (FAE).
Table 82. SVR Settings
Device
Package
SVR (Rev 1.0)
SVR (Rev 1.1)
SVR (Rev 1.2)
MPC8315E
TEPBGA II
0x80B4_0010
0x80B4_0011
0x80B4_0012
MPC8315
TEPBGA II
0x80B5_0010
0x80B5_0011
0x80B5_0012
MPC8314E
TEPBGA II
0x80B6_0010
0x80B6_0011
0x80B6_0012
MPC8314
TEPBGA II
0x80B7_0010
0x80B7_0011
0x80B7_0012
Notes:
1. PVR = 8085_0020 for all devices and revisions in this table.
Table 83. Document Revision History
Revision
Date
Substantive Change(s)
0
05/2009
Initial public release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com