Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM912F634CV2AP Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 35Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 36Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 37Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 38Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 39Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 40Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 41Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 42Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 335 page
background image
Functional Description and Application Information
Introduction
MM912F634
Freescale Semiconductor
39
4
Functional Description and Application Information
4.1
Introduction
This chapter describes the MM912F634 dual die device functions on a block by block base. To distinguish between the module
location being the MCU die or the analog die, the following symbols are shown on all module cover pages:
The documented module is physically located on the Analog die. This applies to Section 4.2, “MM912F634 - Analog
Die Overview" through Section 4.25, “MM912F634 - Analog Die Trimming".
The documented module is physically located on the Microcontroller die. This applies to Section 4.26, “MM912F634
- MCU Die Overview" through Section 4.38, “Serial Peripheral Interface (S12SPIV4)".
Sections concerning both dies or the complete device will not have a specific indication.
4.1.1
Device Register Maps
Table 47 shows the device register memory map overview for the 32 kByte MCU die (MC9S12I32).
NOTE
Reserved register space shown in Table 47 is not allocated to any module. This register
space is reserved for future use, and will show as grayed areas in tables throughout this
document. Writing to these locations has no effect. Read access to these locations returns
zero.
Table 47. Device Register Memory Map Overview
Address
Module
Size (Bytes)
0x0000–0x0007
PIM (port integration module)
8
0x0008–0x0019
Reserved
18
0x001A–0x001B
Part ID register
2
0x001C–0x001E
Reserved
3
0x001F
INT (interrupt module)
1
0x0020–0x002F
DBG (debug module)
16
0x0030-0x0033
MMC (memory map control)
4
0x0034–0x003B
CRG (clock and reset generator)
8
0x003C–0x003D
RTI (real time interrupt)
2
0x003E–0x003F
COP (computer operating properly)
2
0x0040–0x00D7
Reserved
152
0x00D8–0x00DF
D2DI (die 2 die initiator)
8
0x00E0–0x00E7
Reserved
8
0x00E8-0x00EF
SPI (serial peripheral interface)
8
0x00F0–0x00FF
Reserved
16
0x0100–0x0113
FTSR control registers
20
0x0114–0x011F
Reserved
12
0x0120–0x0123
PIM (port integration module)
4
0x0124–0x01FF
Reserved
220
0x0200-0x02FF
D2DI (die 2 die initiator, blocking access window)
256
0x0300–0x03FF
D2DI (die 2 die initiator, non-blocking access window)
256
ANALOG
MCU
ANALOG
MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com