Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM912F634CV2AP Datasheet(PDF) 92 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 88Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 89Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 90Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 91Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 92Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 93Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 94Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 95Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 96Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 335 page
background image
Functional Description and Application Information
PWM Control Module (PWM8B2C)
MM912F634
Freescale Semiconductor
92
4.13.3.3
PWM Scale A Register (PWMSCLA)
NOTE
When PWMSCLA = $00, PWMSCLA value is considered a full scale value of 256. Clock A
is thus divided by 512.
PWMSCLA is the programmable scale value used in scaling clock A to generate clock SA. Clock SA is generated by taking clock
A, dividing it by the value in the PWMSCLA register and dividing that by two.
Clock SA = Clock A / (2 * PWMSCLA)
Any value written to this register will cause the scale counter to load the new scale value (PWMSCLA)
.
4.13.3.4
PWM Scale B Register (PWMSCLB)
NOTE
When PWMSCLB = $00, PWMSCLB value is considered a full scale value of 256. Clock B
is thus divided by 512.
PWMSCLB is the programmable scale value used in scaling clock B to generate clock SB. Clock SB is generated by taking clock
B, dividing it by the value in the PWMSCLB register and dividing that by two.
Clock SB = Clock B / (2 * PWMSCLB)
Any value written to this register will cause the scale counter to load the new scale value (PWMSCLB).
Table 115. Clock A Prescaler Selects
PCKA2
PCKA1
PCKA0
Value of Clock A
0
0
0
D2D clock
0
0
1
D2D clock / 2
0
1
0
D2D clock / 4
0
1
1
D2D clock / 8
1
0
0
D2D clock / 16
1
0
1
D2D clock / 32
1
1
0
D2D clock / 64
1
1
1
D2D clock / 128
Table 116. PWM Scale A Register (PWMSCLA)
Offset(82) 0x62
Access: User read/write
76
543
210
R
Bit 7
6
5
4
3
2
1
Bit 0
W
Reset
0
000
00
00
Note:
82. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com